Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4115 Datasheet(PDF) 1 Page - Global Connector Technology

Part # USB4115
Description  USB3.2 Gen2 Type C Receptacle, Vertical, SMT, H=9.25mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB4115 Datasheet(HTML) 1 Page - Global Connector Technology

  USB4115 Datasheet HTML 1Page - Global Connector Technology USB4115 Datasheet HTML 2Page - Global Connector Technology USB4115 Datasheet HTML 3Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
4.30±0.15
3.16
0.10
8.34+0.06
-0.02
8.30
A1
A12
B12
B1
8.94
4.80±0.15
7.50±0.15
2x Ø0.55
5.50±0.10
0.50±0.05
24x 0.20±0.05
A1
A12
B12
B1
4x 0.50±0.05
A
A
Ordering Grid
Request Samples
and Quotation
USB4115
C
Packing Options
C = Tape & Reel with Cap
(450 per reel)
03
Contact Plating
03 = 3u" Gold
Specifications
Material
Insulator: LCP, UL 94V-0, Black
Contact: Copper Alloy (C1814), T=0.12mm
Mid Plate: Stainless Steel (SUS301), T=0.15mm
EMI Plate: Stainless Steel (SUS301), T=0.10mm
Shell: Stainless Steel (SUS304), T=0.30mm
Plating
Contact
Contact Area: 3u" Au over 50µ" min. Nickel
Solder Tails: Matte Tin over 50µ" min. Nickel
Shell: 30µ" min. Nickel
Mid Plate: Cleaning
EMI Plate: Cleaning
Electrical
Current Rating:
5.00A collectively for VBUS pins
6.25A collectively for GND pins
1.25A for B5 pin
0.25A per pin for all other pins
Voltage Rating: 20V DC
Contact Resistance: 40mΩ max initial.
50mΩ max after test
Dielectric Withstanding Voltage: 100V AC
Insulation Resistance 100MΩ min
Mechanical & Environmental
Operating Temperature: -25°C to +85°C
Mating Force: 5 to 20 N.
Unmated Force: 6 to 20 N after test
Durability: 10,000 cycles
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.30
X.XX ± 0.25
X.XXX ± 0.10
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
CC
Sheet No.
1/3
USB3.2 Gen2 Type C Receptacle, Vertical,
SMT, H=9.25mm
CC
USB4115
B PCN
By
Detail
Revision
Part Number
Drawing Date
Date
-
USB4115
B2
28th September 2020
07/10/21
www.gct.co
Section: A-A
0.70±0.05


Similar Part No. - USB4115

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USB4110 ETC-USB4110 Datasheet
395Kb / 11P
USB Type C Receptacle for USB2.0 ,SMT Type, PCB Top Mount
B
logo
Global Connector Techno...
USB4110 GCT-USB4110 Datasheet
178Kb / 2P
USB Type C Receptacle for USB 2.0 SMT Type, PCB Top Mount
10th July 2019
logo
List of Unclassifed Man...
USB4110-GF-A ETC-USB4110-GF-A Datasheet
395Kb / 11P
USB Type C Receptacle for USB2.0 ,SMT Type, PCB Top Mount
B
More results

Similar Description - USB4115

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3EQX1002E DIODES-PI3EQX1002E Datasheet
1Mb / 11P
1-Port USB3.2 Gen2 ReDriver
August 2020
logo
List of Unclassifed Man...
USB4145 ETC-USB4145 Datasheet
224Kb / 4P
USB2.0 TYPE C Receptacle, Vertical, SMT, H=7.46mm, 16pin
28/06/22
USB4160 ETC-USB4160 Datasheet
902Kb / 4P
USB32. Gen2, Type C Receptacle, Vertical, SMT, H=7.46mm, 24 Pin
28/06/22
logo
Global Connector Techno...
USB4151 GCT-USB4151 Datasheet
173Kb / 3P
USB3.2 Gen2 Type C Plug,Vertical, SMT
27/04/21
USB4155 GCT-USB4155 Datasheet
212Kb / 4P
USB3.2 Gen2 Type C Plug, Horizontal, SMT
27/05/21
USB4070 GCT-USB4070 Datasheet
264Kb / 3P
USB 3.2 Gen2 Type C Receptacle Vertical, SMT with Shell Stakes & Locating Pegs
5th May 2016
USB4120 GCT-USB4120 Datasheet
206Kb / 3P
USB 2.0 Type C Receptacle, 16contacts, Vertical, SMT, H=6.5mm
28th September 2020
USB4145 GCT-USB4145 Datasheet
240Kb / 4P
USB2.0 Type C Receptacle, Vertical, SMT, H=7.46mm, 16 Pin
28th June 2022
USB4160 GCT-USB4160 Datasheet
229Kb / 4P
USB3.2 Gen2, Type C Receptacle, Vertical, SMT, H=7.46mm, 24 Pin
28th June 2022
USB4200 GCT-USB4200 Datasheet
174Kb / 3P
USB3.2 Gen2, Type C Receptacle, Dual Row SMT, Flag Type, PCB Top Mount, 24 Pin
2nd March 2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com