Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSTH-01R-3 Datasheet (PDF) - Hitachi Metals, Ltd

FSTH-01R-3 Datasheet PDF - Hitachi Metals, Ltd
Part # FSTH-01R-3
Download  FSTH-01R-3 Download
File Size   23.42 Kbytes
Page   1 Pages
Manufacturer  HITACHI-METALS [Hitachi Metals, Ltd]
Direct Link  http://www.hitachi-metals.co.jp/e
Logo HITACHI-METALS - Hitachi Metals, Ltd
Description 800 / 900 MHz Band Chip 0 deg. Splitter / Combiner

FSTH-01R-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
FSTH-01R-3 Datasheet PDF - Hitachi Metals, Ltd

Part # FSTH-01R-3
Download  FSTH-01R-3 Click to download

File Size   23.42 Kbytes
Page   1 Pages
Manufacturer  HITACHI-METALS [Hitachi Metals, Ltd]
Direct Link  http://www.hitachi-metals.co.jp/e
Logo HITACHI-METALS - Hitachi Metals, Ltd
Description 800 / 900 MHz Band Chip 0 deg. Splitter / Combiner

FSTH-01R-3 Datasheet (HTML) - Hitachi Metals, Ltd




Similar Part No. - FSTH-01R-3

ManufacturerPart #DatasheetDescription
logo
Hitachi Metals, Ltd
FSTH-03R-1 HITACHI-METALS-FSTH-03R-1 Datasheet
25Kb / 1P
1.4 / 1.5 GHz Band Chip 0 deg. Splitter / Combiner
FSTH-03R-2 HITACHI-METALS-FSTH-03R-2 Datasheet
24Kb / 1P
1.7 / 1.9 GHz Band Chip 0 deg. Splitter / Combiner
More results


Similar Description - FSTH-01R-3

ManufacturerPart #DatasheetDescription
logo
Hitachi Metals, Ltd
FSLC-090P HITACHI-METALS-FSLC-090P Datasheet
23Kb / 1P
900 MHz Band Chip Multilayer 90deg. / 3dB Splitter
FSLH-S080C HITACHI-METALS-FSLH-S080C Datasheet
41Kb / 4P
2012 Size 700/900 MHz Chip Multilayer Splitter/Combiner
FSLH-S100C HITACHI-METALS-FSLH-S100C Datasheet
53Kb / 4P
2012 Size 900/1100 MHz Chip Multilayer Splitter/Combiner
FSTH-03R-1 HITACHI-METALS-FSTH-03R-1 Datasheet
25Kb / 1P
1.4 / 1.5 GHz Band Chip 0 deg. Splitter / Combiner
FSTH-03R-2 HITACHI-METALS-FSTH-03R-2 Datasheet
24Kb / 1P
1.7 / 1.9 GHz Band Chip 0 deg. Splitter / Combiner
FSTH-24R-1 HITACHI-METALS-FSTH-24R-1 Datasheet
23Kb / 1P
200 / 300 MHz Band Chip 0 deg. Splitter / Combiner
FSTH-38R HITACHI-METALS-FSTH-38R Datasheet
22Kb / 1P
300 / 400 MHz Band Chip 0 deg. Splitter / Combiner
FSTH-90S-A HITACHI-METALS-FSTH-90S-A Datasheet
27Kb / 1P
800 / 900 MHz Band Chip Multilayer Coupler
logo
Mini-Circuits
ZAPD-900-5W MINI-ZAPD-900-5W Datasheet
158Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 100 to 900 MHz
ZC2PD-900 MINI-ZC2PD-900 Datasheet
203Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 800 to 900 MHz
More results




About Hitachi Metals, Ltd


Hitachi Metals, Ltd. is a Japanese multinational company that specializes in the manufacture and sale of specialty steel products, magnetic materials, and functional components. The company was founded in 1910 and is headquartered in Tokyo, Japan.

Hitachi Metals operates in several business segments, including specialty steel, magnetic materials and applications, functional components and equipment, and advanced metals processing. The company's products are used in various industries, such as automotive, electronics, energy, construction, and aerospace.

Some of the products offered by Hitachi Metals include special steel products, such as tool steel, stainless steel, and high-speed steel; magnetic materials, such as ferrite cores and magnets; and functional components, such as automotive parts and industrial machinery components.

Hitachi Metals is a subsidiary of Hitachi, Ltd., a multinational conglomerate that operates in various business segments, such as information technology, power systems, and social infrastructure.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com