Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSTH-38R Datasheet (PDF) - Hitachi Metals, Ltd

FSTH-38R Datasheet PDF - Hitachi Metals, Ltd
Part # FSTH-38R
Download  FSTH-38R Download
File Size   22.97 Kbytes
Page   1 Pages
Manufacturer  HITACHI-METALS [Hitachi Metals, Ltd]
Direct Link  http://www.hitachi-metals.co.jp/e
Logo HITACHI-METALS - Hitachi Metals, Ltd
Description 300 / 400 MHz Band Chip 0 deg. Splitter / Combiner

FSTH-38R Datasheet (PDF)

Go To PDF Page Download Datasheet
FSTH-38R Datasheet PDF - Hitachi Metals, Ltd

Part # FSTH-38R
Download  FSTH-38R Click to download

File Size   22.97 Kbytes
Page   1 Pages
Manufacturer  HITACHI-METALS [Hitachi Metals, Ltd]
Direct Link  http://www.hitachi-metals.co.jp/e
Logo HITACHI-METALS - Hitachi Metals, Ltd
Description 300 / 400 MHz Band Chip 0 deg. Splitter / Combiner

FSTH-38R Datasheet (HTML) - Hitachi Metals, Ltd




Similar Part No. - FSTH-38R

ManufacturerPart #DatasheetDescription
logo
Hitachi Metals, Ltd
FSTH-01R-1 HITACHI-METALS-FSTH-01R-1 Datasheet
23Kb / 1P
800 / 900 MHz Band Chip 0 deg. Splitter / Combiner
FSTH-01R-2 HITACHI-METALS-FSTH-01R-2 Datasheet
23Kb / 1P
800 / 900 MHz Band Chip 0 deg. Splitter / Combiner
FSTH-01R-3 HITACHI-METALS-FSTH-01R-3 Datasheet
23Kb / 1P
800 / 900 MHz Band Chip 0 deg. Splitter / Combiner
FSTH-03R-1 HITACHI-METALS-FSTH-03R-1 Datasheet
25Kb / 1P
1.4 / 1.5 GHz Band Chip 0 deg. Splitter / Combiner
FSTH-03R-2 HITACHI-METALS-FSTH-03R-2 Datasheet
24Kb / 1P
1.7 / 1.9 GHz Band Chip 0 deg. Splitter / Combiner
More results


Similar Description - FSTH-38R

ManufacturerPart #DatasheetDescription
logo
Hitachi Metals, Ltd
FSTH-01R-1 HITACHI-METALS-FSTH-01R-1 Datasheet
23Kb / 1P
800 / 900 MHz Band Chip 0 deg. Splitter / Combiner
FSTH-03R-1 HITACHI-METALS-FSTH-03R-1 Datasheet
25Kb / 1P
1.4 / 1.5 GHz Band Chip 0 deg. Splitter / Combiner
FSTH-03R-2 HITACHI-METALS-FSTH-03R-2 Datasheet
24Kb / 1P
1.7 / 1.9 GHz Band Chip 0 deg. Splitter / Combiner
FSTH-24R-1 HITACHI-METALS-FSTH-24R-1 Datasheet
23Kb / 1P
200 / 300 MHz Band Chip 0 deg. Splitter / Combiner
logo
Mini-Circuits
ZMSC-2-1 MINI-ZMSC-2-1 Datasheet
155Kb / 1P
Power Splitter/Combiner 2 Way-0 50廓 0.1 to 400 MHz
logo
BOWEI Integrated Circui...
HE021-3A BOWEI-HE021-3A Datasheet
66Kb / 1P
3 way 0 power Combiner/Splitter
HE021-3C BOWEI-HE021-3C Datasheet
74Kb / 1P
3 way 0 power Combiner/Splitter
HE021-4 BOWEI-HE021-4 Datasheet
63Kb / 1P
4 way 0 power Combiner/Splitter
PSM3-0.5-3 BOWEI-PSM3-0.5-3 Datasheet
104Kb / 1P
3 way 0 power Combiner/Splitter
HES021-2B BOWEI-HES021-2B Datasheet
85Kb / 1P
2way 0 power combiner/splitter
More results




About Hitachi Metals, Ltd


Hitachi Metals, Ltd. is a Japanese multinational company that specializes in the manufacture and sale of specialty steel products, magnetic materials, and functional components. The company was founded in 1910 and is headquartered in Tokyo, Japan.

Hitachi Metals operates in several business segments, including specialty steel, magnetic materials and applications, functional components and equipment, and advanced metals processing. The company's products are used in various industries, such as automotive, electronics, energy, construction, and aerospace.

Some of the products offered by Hitachi Metals include special steel products, such as tool steel, stainless steel, and high-speed steel; magnetic materials, such as ferrite cores and magnets; and functional components, such as automotive parts and industrial machinery components.

Hitachi Metals is a subsidiary of Hitachi, Ltd., a multinational conglomerate that operates in various business segments, such as information technology, power systems, and social infrastructure.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com