Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFF-8679 Datasheet (PDF) - Finisar Corporation.

SFF-8679 Datasheet PDF - Finisar Corporation.
Part # SFF-8679
Download  SFF-8679 Download
File Size   344.98 Kbytes
Page   7 Pages
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.
Description 100m Parallel MMF 100G QSFP28 Optical Transceiver

SFF-8679 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFF-8679 Datasheet PDF - Finisar Corporation.

Part # SFF-8679
Download  SFF-8679 Click to download

File Size   344.98 Kbytes
Page   7 Pages
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.
Description 100m Parallel MMF 100G QSFP28 Optical Transceiver

SFF-8679 Datasheet (HTML) - Finisar Corporation.


SFF-8679 Product details

PRODUCT FEATURES
 Hot-pluggable QSFP28 form factor
 Supports 103.1Gb/s aggregate bit
rate
 Power dissipation < 2.5W
 RoHS-6 compliant
 Commercial case temperature range
of 0°C to 70°C
 Single 3.3V power supply
 Maximum link length of 100m on
OM4 Multimode Fiber (MMF)
 4x25Gb/s 850mm VCSEL-based
transmitter
 4x25G electrical interface
 Single MPO12 receptacle
 I2C management interface




Similar Part No. - SFF-8679

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFF-018 ETC2-SFF-018 Datasheet
128Kb / 1P
Soft Fast Feets
SFF-018 ETC2-SFF-018 Datasheet
161Kb / 1P
SOFT FAST FEET
SFF-021 ETC2-SFF-021 Datasheet
161Kb / 1P
SOFT FAST FEET
SFF-023 ETC2-SFF-023 Datasheet
128Kb / 1P
Soft Fast Feets
SFF-023 ETC2-SFF-023 Datasheet
161Kb / 1P
SOFT FAST FEET
More results


Similar Description - SFF-8679

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FTLC1151SDPL FINISAR-FTLC1151SDPL Datasheet
672Kb / 8P
10km Multi-rate 100G QSFP28 Optical Transceiver Module
FTLC1152RGPL FINISAR-FTLC1152RGPL Datasheet
546Kb / 7P
100G CWDM4 QSFP28 Optical Transceiver Module
FTLC9551REPM FINISAR-FTLC9551REPM Datasheet
483Kb / 7P
100m Parallel MMF 100G QSFP28 Optical Transceiver
FTLC9551SEPM FINISAR-FTLC9551SEPM Datasheet
529Kb / 8P
100m Multirate Parallel MMF 100/128G QSFP28 Optical Transceiver
FCBN425QE1CXX FINISAR-FCBN425QE1CXX Datasheet
473Kb / 7P
100G Quadwire짰 QSFP28 Active Optical Cable
FTLC9152RGPL FINISAR-FTLC9152RGPL Datasheet
347Kb / 7P
100m 100G QSFP28 SWDM4 Optical Transceiver
logo
Bel Fuse Inc.
STA-100G-SR4 BEL-STA-100G-SR4 Datasheet
1Mb / 8P
Stratos 100G Transceivers QSFP28 100G SR4 MMF 850nm Transceiver
logo
ATGBICS by Approved Tec...
AOC-QSFP28-100G-15M-C ATGBICS-AOC-QSFP28-100G-15M-C Datasheet
637Kb / 10P
AOC-QSFP28-100G-15M Dell Compatible Active Optical Cable 100G QSFP28 (15m)
logo
List of Unclassifed Man...
QSFP28 ETC-QSFP28 Datasheet
746Kb / 5P
100m Parallel MMF 100G SR4 QSFP28 Optical Transceiver
logo
TE Connectivity Ltd
2368650 TEC-2368650 Datasheet
279Kb / 4P
100G QSFP28 Active Optical Cable
23 AUGUST 2022 Rev B
More results




About Finisar Corporation.


Finisar Corporation is a company that designs, develops, manufactures, and markets optical communication products. It was founded in 1988 and is headquartered in Sunnyvale, California, United States.

The company's products include optical transceivers, active optical cables, optical engines, optical components, wavelength selective switches, and network performance test and monitoring systems. Finisar's products are used in a wide range of applications, including data communication and telecommunication networks, storage area networks, and high-performance computing.

In December 2018, Finisar was acquired by II-VI Incorporated, a global leader in engineered materials and optoelectronic components.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com