Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATO25F1GC-30EC Datasheet (PDF) - List of Unclassifed Manufacturers

ATO25F1GC-30EC Datasheet PDF - List of Unclassifed Manufacturers
Part # ATO25F1GC-30EC
Download  ATO25F1GC-30EC Download
File Size   1281.87 Kbytes
Page   46 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 3.3V 1G-BIT Serial NAND Flash Memory with Quad SPI

ATO25F1GC-30EC Datasheet (PDF)

Go To PDF Page Download Datasheet
ATO25F1GC-30EC Datasheet PDF - List of Unclassifed Manufacturers

Part # ATO25F1GC-30EC
Download  ATO25F1GC-30EC Click to download

File Size   1281.87 Kbytes
Page   46 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 3.3V 1G-BIT Serial NAND Flash Memory with Quad SPI

ATO25F1GC-30EC Datasheet (HTML) - List of Unclassifed Manufacturers


ATO25F1GC-30EC Product details

FEATURES
GENERAL
Serial Peripheral Interface
 Mode 0 and Mode 3
Standard, Quad SPI
 Standard SPI : SCLK, CS#, SI, SO
 Quad SPI : SCLK, CS#, SIO0, SIO1,
SIO2/W#, SIO3/Hold#
Single power supply operation
 Full voltage range: 2.7V to 3.6V read, erase and program operations
Organization
 Memory Cell Array : (128M + 4M) x Bytes
 Data Register : (2048 + 64) x Bytes
Automatic Program and Erase
 Page Program : (2048 + 64) x Bytes
 Block Erase : (128K + 4K) x Bytes = 64pages
Page Read Operation
 Page Size : (2048 + 64) Bytes
 Page Read(cell array to page buffer) : 25us(Max.)
 Serial Page Access : 104MHz, 133MHz(CL=15pF)
Fast Write Cycle Time
 Program time : 200us(Typ.)
 Block Erase time : 2ms(Typ.)
Electronic Identification
 JEDEC standard 1-byte manufacturer ID and 1-byte device ID.
Copy-Back PROGRAM Operation
 Fast Page copy without external buffering
Security features
 OTP area, 16K bytes(8 pages)
Hardware Data Protection
 Program / Erase locked during Power transitions.
 W# pin works in conjunction with Status Register Bits to protect specified memory areas. Status Register Block Protection bits (BP2, BP1, BP0) in status register configure parts of memory as read-only
Data Integrity
 Endurance:100K Program/Erase Cycles
 Data Retention : 10 years
Error Management
 Internal ECC code generation
 1bit/528byte ECC, 1NOP/528byte
Package
 8-pad 8x6 WSON
 16-pin SOIC 300 mil




Similar Part No. - ATO25F1GC-30EC

ManufacturerPart #DatasheetDescription
logo
Littelfuse
ATO25 LITTELFUSE-ATO25 Datasheet
1Mb / 3P
ATO® Blade Fuses - Aftermarket Rated 32V
11/15/2022
ATO25BP LITTELFUSE-ATO25BP Datasheet
1Mb / 3P
ATO® Blade Fuses - Aftermarket Rated 32V
11/15/2022
More results


Similar Description - ATO25F1GC-30EC

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q32V WINBOND-W25Q32V Datasheet
1Mb / 61P
32M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q80BV WINBOND-W25Q80BV Datasheet
1Mb / 75P
8M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25N01GVZEIT-TR WINBOND-W25N01GVZEIT-TR Datasheet
933Kb / 68P
3V 1G-BIT SERIAL SLC NAND FLASH MEMORY WITH DUAL/QUAD SPI BUFFER READ & CONTINUOUS READ
W25Q32JVSFIQ-TR WINBOND-W25Q32JVSFIQ-TR Datasheet
932Kb / 78P
3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL, QUAD SPI
W25Q32JVTBIQ-TR WINBOND-W25Q32JVTBIQ-TR Datasheet
2Mb / 76P
3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL, QUAD SPI
W25Q256JVEIQ-TR WINBOND-W25Q256JVEIQ-TR Datasheet
2Mb / 92P
3V 256M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI
logo
Macronix International
MX30LF1G08AA-XKI MCNIX-MX30LF1G08AA-XKI Datasheet
766Kb / 48P
1G-bit NAND Flash Memory
MX30LF1G18AC-XKI MCNIX-MX30LF1G18AC-XKI Datasheet
971Kb / 73P
3V, 1G-bit NAND Flash Memory
logo
Winbond
W25M02GW WINBOND-W25M02GW Datasheet
2Mb / 68P
1.8V 2G-BIT (2 x 1G-BIT) SERIAL SLC NAND FLASH MEMORY WITH
W29N01HV WINBOND-W29N01HV Datasheet
1Mb / 54P
1G-BIT 3.3V NAND FLASH MEMORY
Revision C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com