Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATO25F1GC-30EC Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # ATO25F1GC-30EC
Description  3.3V 1G-BIT Serial NAND Flash Memory with Quad SPI
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ATO25F1GC-30EC Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button ATO25F1GC-30EC Datasheet HTML 5Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 6Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 7Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 8Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 9Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 10Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 11Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 12Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
9/46
Sep.2013. Rev 0.5
1Gbit Serial NAND Flash Memory
Table 1. Signal names
Signal name
Function
Direction
SCLK
Serial Clock
Input
SI(SIO0)
Serial Data Input(for 1 I/O)
Serial Data Input &
Output(for 4 I/O)
Input / Output
SO(SIO1)
Serial Data Output(for 1 I/O)
Serial Data Input &
Output(for 4 I/O)
Input / Output
CS#
Chip Select
Input
W#(SIO2)
Write Protect
Serial Data Input &
Output(for 4 I/O)
Input / Output
HOLD#(SIO3)
Hold
Serial Data Input &
Output(for 4 I/O)
Input / Output
VCC
3.3V Supply voltage
GND
Ground
Figure 2. 8 Pad WSON 8x6mm / 16-Pin SOIC 300mil connections
8 Pad WSON (8x6mm)
TOP VIEW
16 Pin SOIC 300mil
TOP VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com