Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATO25F1GC-30EC Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # ATO25F1GC-30EC
Description  3.3V 1G-BIT Serial NAND Flash Memory with Quad SPI
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ATO25F1GC-30EC Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button ATO25F1GC-30EC Datasheet HTML 36Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 37Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 38Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 39Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 40Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 41Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 42Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 43Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
40/46
Sep.2013. Rev 0.5
1Gbit Serial NAND Flash Memory
Table 13.
DC characteristics
Symbol
Parameter
Test condition (in
addition to those in
Table9)
Min.
Max.
Unit
ILI
Input leakage current
± 2
µA
ILO
Output leakage current
± 2
µA
ICC1
Standby current
CS# = VCC, VIN = VSS or
VCC
1
50
µA
ICC2
Deep Power-down current
CS# = VCC, VIN = VSS or
VCC
1
15
µA
ICC3
Operating current (READ)
SCLK = 0.1VCC / 0.9.VCC
at 104 MHz, Q = open
10
20
mA
SCLK = 0.1VCC / 0.9.VCC
at 33 MHz, Q = open
8
12
mA
ICC4
Operating current
(Program)
CS# = VCC
10
20
mA
ICC5
Operating current
(Block Erase)
CS# = VCC
10
20
mA
VIL
Input low voltage
-0.5
0.2xVCC
V
VIH
Input high voltage
0.8xVCC
Vcc + 0.4
V
VOL
Output low voltage
IOL = 1.6mA
0.2
V
VOH
Output high voltage
IOH =
–100 µA
VCC
– 0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com