Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATO25F1GC-30EC Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # ATO25F1GC-30EC
Description  3.3V 1G-BIT Serial NAND Flash Memory with Quad SPI
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ATO25F1GC-30EC Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button ATO25F1GC-30EC Datasheet HTML 20Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 21Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 22Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 23Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 24Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 25Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 26Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 27Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
24/46
Sep.2013. Rev 0.5
1Gbit Serial NAND Flash Memory
8.5
Feature Operation
The GET FEATURES (0Fh) and SET FEATURES (1Fh) commands are used to alter the device
behavior from the default power-on behavior. These commands use a 1-byte feature address to
determine which feature is to be read or modified. Features such as OTP and block locking can
be enabled or disabled by setting specific bits in feature address A0h and B0h (shown in the
following table). The status register is mostly read, except WEL, which is a writable bit with the
WRITE ENABLE (06h) command.
Table 5. Status Registers
Register Address
Data Bits
7
6
5
4
3
2
1
0
Block
Lock
A0h
BRWD(1) Reserved
BP2
BP1
BP0
Reserved Reserved Reserved
OTP
B0h
OTP
Protect
OTP
Enable
Reserved Reserved Reserved Reserved Reserved
QE
Status
C0h
Reserved Reserved Reserved Reserved P_Fail
E_Fail
WEL
OIP
Note: 1. If BRWD is enabled and WP# is LOW, then the block lock register cannot be changed.
8.5.1
OIP bit
The Operation In Progress (OIP) bit indicates whether the memory is busy with a Write Status
Register, Program or Erase cycle. When set to 1, such a cycle is in progress, when reset to 0
no such cycle is in progress.
8.5.2
WEL bit
The Write Enable Latch (WEL) bit indicates the status of the internal Write Enable Latch. When
set to 1 the internal Write Enable Latch is set, when set to 0 the internal Write Enable Latch is
reset and no Write Status Register, Program or Erase instruction is accepted.
8.5.3
BP2, BP1, BP0 bits
The Block Protect (BP2, BP1, BP0) bits define the size of the area to be software protected
against Program and Erase instructions. These bits are written with the Set features instruction.
When one or both of the Block Protect (BP2, BP1, BP0) bits is set to 1, the relevant memory
area becomes protected against Page Program, OTP Program, Block Erase. The Block Protect
(BP2, BP1, BP0) bits can be written provided that the Hardware Protected mode has not been
set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com