Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATO25F1GC-30EC Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # ATO25F1GC-30EC
Description  3.3V 1G-BIT Serial NAND Flash Memory with Quad SPI
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ATO25F1GC-30EC Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button ATO25F1GC-30EC Datasheet HTML 16Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 17Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 18Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 19Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 20Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 21Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 22Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 23Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
20/46
Sep.2013. Rev 0.5
1Gbit Serial NAND Flash Memory
8.1
Write Enable (WREN)
The Write Enable (WREN) instruction (Figure 8) sets the Write Enable Latch (WEL) bit.
The Write Enable Latch (WEL) bit must be set prior to every Page Program, Block Erase, and
OTP program instruction.
The Write Enable (WREN) instruction is entered by driving Chip Select (CS#) Low, sending
the instruction code, and then driving Chip Select (CS#) High.
Figure 8. Write Enable (WREN) instruction sequence
SCLK
CS#
0
1
2
3
4
5
6
7
Mode3
Mode0
Mode3
Mode0
Instruction (06h)
SI
SO
High Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com