Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATO25F1GC-30EC Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # ATO25F1GC-30EC
Description  3.3V 1G-BIT Serial NAND Flash Memory with Quad SPI
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ATO25F1GC-30EC Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button ATO25F1GC-30EC Datasheet HTML 38Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 39Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 40Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 41Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 42Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 43Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 44Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 45Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 46Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 46 / 46 page
background image
46/46
Sep.2013. Rev 0.5
1Gbit Serial NAND Flash Memory
15
Part Numbering
Table 15. Ordering information
U
ATO
U
U
25
U
U
D
U
U
1G
U
U
A
U
-
U
X
U
U
X
U
U
X
Package Type
A = 8-pin SOIC 208mil
B = 16-pin SOIC 300mil
C = 8-pad WSON 6x5mml
D = 8-pad WSON 8x6mm
W=Wafer
Temperature Range
C = 0℃ ~ 70℃
E = -30℃ ~ 85℃
I = -45℃ ~ 85℃
Speed
30 = 30MHz
75 = 75MHz
10 = 104MHz
Generation
A = 1
st Gen.
B = 2
nd Gen.
C = 3
rd Gen.
Device Density
512 / 1G = 512Mbit / 1Gbit
Operating Voltage
F = 1.8V Single voltage. 1.65V ~ 2V
D = 3.0V Single voltage. 2.7V ~ 3.6V
R = 3.0V Single Regulated voltage. 3.0V ~ 3.6V
Device Type
25 = SPI interface Serial Flash Memory
Manufacture Company
ATO = ATO Solution Flash Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com