Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATO25F1GC-30EC Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # ATO25F1GC-30EC
Description  3.3V 1G-BIT Serial NAND Flash Memory with Quad SPI
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ATO25F1GC-30EC Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button ATO25F1GC-30EC Datasheet HTML 35Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 36Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 37Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 38Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 39Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 40Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 41Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 42Page - List of Unclassifed Manufacturers ATO25F1GC-30EC Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
39/46
Sep.2013. Rev 0.5
1Gbit Serial NAND Flash Memory
13
DC and AC parameters
This section summarizes the operating and measurement conditions, and the DC and AC
characteristics of the device. The parameters in the DC and AC Characteristic tables that follow
are derived from tests performed under the Measurement Conditions summarized in the
relevant tables. Designers should check that the operating conditions in their circuit match the
measurement conditions when relying on the quoted parameters.
Table 9.
Operating conditions
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply voltage
2.7
3.6
V
TA
Ambient operating temperature
E(Extended)
-30
85
°C
C(Commercial)
0
70
°C
I (Industrial)
-40
85
°C
Table 10.
Data retention and endurance
Parameter
Condition
Min.
Max.
Unit
Erase/Program cycles
100,000
cycles per sector
Data Retention
10
years
Table 11.
AC measurement conditions
Symbol
Parameter
Min.
Max.
Unit
CL
Load capacitance
30(15pF/133MHz)
pF
Input rise and fall times
5
ns
Input pulse voltages
0.2VCC to 0.8VCC
V
Input timing reference voltages
0.3VCC to 0.7VCC
V
Output timing reference voltages
VCC / 2
V
1.
Output Hi-Z is defined as the point where data out is no longer driven.
Figure 24.
AC measurement I/O waveform
Table 12.
Capacitance
(1)
Symbol
Parameter
Test condition
Min.
Max.
Unit
COUT
Output capacitance (Q)
VOUT = 0 V
8
pF
CIN
Input capacitance (other pins)
VIN = 0 V
6
pF
1.
Sampled only, not 100% tested, at TA = 25 °C and a frequency of 20 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com