Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4060 Datasheet (PDF) - Linear Integrated Systems

4060 Datasheet PDF - Linear Integrated Systems
Part # 4060
Download  4060 Download
File Size   188.97 Kbytes
Page   20 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description Standalone Linear NiMH/NiCd Fast Battery Charger

4060 Datasheet (PDF)

Go To PDF Page Download Datasheet
4060 Datasheet PDF - Linear Integrated Systems

Part # 4060
Download  4060 Click to download

File Size   188.97 Kbytes
Page   20 Pages
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems
Description Standalone Linear NiMH/NiCd Fast Battery Charger

4060 Datasheet (HTML) - Linear Integrated Systems


4060 Product details

DESCRIPTION

The LTC® 4060 is a complete fast charging system for NiMH or NiCd batteries. Just a few external components are needed to design a standalone linear charging system.



FEATURES

■ Complete Fast Charger Controller for Single, 2-, 3- or 4-Series Cell NiMH/NiCd Batteries

■ No Firmware or Microcontroller Required

■ Termination by –∆V, Maximum Voltage or Maximum Time

■ No Sense Resistor or Blocking Diode Required

■ Automatic Recharge Keeps Batteries Charged

■ Programmable Fast Charge Current: 0.4A to 2A

■ Accurate Charge Current: ±5% at 2A

■ Fast Charge Current Programmable Beyond 2A with External Sense Resistor

■ Automatic Detection of Battery

■ Precharge for Heavily Discharged Batteries

■ Optional Temperature Qualified Charging

■ Charge and AC Present Status Outputs Can Drive LED

■ Automatic Sleep Mode with Input Supply Removal

■ Negligible Battery Drain in Sleep Mode: <1µA

■ Manual Shutdown

■ Input Supply Range: 4.5V to 10V

■ Available in 16-Lead DFN and TSSOP Packages



APPLICATIONS

■ Portable Computers, Cellular Phones and PDAs

■ Medical Equipment

■ Charging Docks and Cradles

■ Portable Consumer Electronics




Similar Part No. - 4060

ManufacturerPart #DatasheetDescription
logo
3M Electronics
4060 3M-4060 Datasheet
912Kb / 2P
Half Facepiece Respirators 7500 Series, Ultimate Reusable
7/1/09
logo
Belden Inc.
4060 BELDEN-4060 Datasheet
373Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
logo
Adafruit Industries
4060 ADAFRUIT-4060 Datasheet
200Kb / 2P
Circuit Playground Express Soil Sensor Mini Kit
3-4-19
logo
Silicon Laboratories
4060-868-PDK SILABS-4060-868-PDK Datasheet
1Mb / 17P
EZRADIOPRO짰 DEVELOPMENT KITS USER?셎 GUIDE
4060-PCE10B868-EK SILABS-4060-PCE10B868-EK Datasheet
1Mb / 17P
EZRADIOPRO짰 DEVELOPMENT KITS USER?셎 GUIDE
More results


Similar Description - 4060

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712 Datasheet
168Kb / 18P
NiCd/NiMH Battery Fast-Charge Controllers
Rev 3; 1/97
MAX2003 MAXIM-MAX2003 Datasheet
211Kb / 20P
NiCd/NiMH Battery Fast-Charge Controllers
MAX712 MAXIM-MAX712_02 Datasheet
777Kb / 17P
NiCd/NiMH Battery Fast-Charge Controllers
Rev 5; 4/02
logo
Linear Technology
LTC4060 LINER-LTC4060 Datasheet
193Kb / 20P
Standalone Linear NiMH/NiCd Fast Battery Charger
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712_08 Datasheet
229Kb / 17P
NiCd/NiMH Battery Fast-Charge Controllers
Rev 6; 12/08
logo
Linear Technology
LTC4060 LINER-LTC4060_15 Datasheet
198Kb / 20P
Standalone Linear NiMH/NiCd Fast Battery Charger
logo
Seaward Electronics Inc...
SE9016 SEAWARD-SE9016_12 Datasheet
436Kb / 10P
Standalone Linear Lithium Battery Charger
SE9017_0912 SEAWARD-SE9017_0912 Datasheet
409Kb / 11P
Standalone Linear Lithium Battery Charger
SE9020 SEAWARD-SE9020_10 Datasheet
362Kb / 9P
Standalone Linear Lithium Battery Charger
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712_V01 Datasheet
264Kb / 17P
NiCd/NiMH Battery Fast-Charge Controllers
2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com