Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2513BI Datasheet (PDF) - Microchip Technology

USB2513BI Datasheet PDF - Microchip Technology
Part # USB2513BI
Download  USB2513BI Download
File Size   810.93 Kbytes
Page   57 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description USB 2.0 Hi-Speed Hub Controller

USB2513BI Datasheet (PDF)

Go To PDF Page Download Datasheet
USB2513BI Datasheet PDF - Microchip Technology

Part # USB2513BI
Download  USB2513BI Click to download

File Size   810.93 Kbytes
Page   57 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description USB 2.0 Hi-Speed Hub Controller

USB2513BI Datasheet (HTML) - Microchip Technology


USB2513BI Product details

General Description

The Microchip USB251xB/xBi hub is a family of lowpower,
configurable, MTT (multi transaction translator)
hub controller IC products for embedded USB solutions.
The x in the part number indicates the number of
downstream ports available, while the B indicates battery
charging support. The Microchip hub supports lowspeed,
full-speed, and hi-speed (if operating as a hispeed
hub) downstream devices on all of the enabled
downstream ports.

Features

• USB251xB/xBi products are fully footprint compatible
with USB251x/xi/xA/xAi products as direct
drop-in replacements
— Cost savings include using the same PCB
components and application of USB-IF Compliance
by Similarity
• Full power management with individual or ganged
power control of each downstream port
• Fully integrated USB termination and pull-up/pulldown
resistors
• Supports a single external 3.3 V supply source;
internal regulators provide 1.2 V internal core voltage
• Onboard 24 MHz crystal driver or external
24 MHz clock input
• Customizable vendor ID, product ID, and device
ID
• 4 kilovolts of HBM JESD22-A114F ESD protection
(powered and unpowered)
• Supports self- or bus-powered operation
• Supports the USB Battery Charging specification
Rev. 1.1 for Charging Downstream Ports (CDP)
• The USB251xB/xBi offers the following packages:
- 36-pin SQFN (6x6 mm) (Preferred)
- 36-pin QFN (6x6 mm) (Legacy)
• USB251xBi products support the industrial temperature
range of -40ºC to +85ºC
• USB251xB products support the extended commercial
temperature range of 0ºC to +85ºC

Applications

• LCD monitors and TVs
• Multi-function USB peripherals
• PC motherboards
• Set-top boxes, DVD players, DVR/PVR
• Printers and scanners
• PC media drive bay
• Portable hub boxes
• Mobile PC docking
• Embedded systems




Similar Part No. - USB2513BI

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB2513BI MICROCHIP-USB2513BI Datasheet
1,017Kb / 57P
USB 2.0 Hi-Speed Hub Controller
10-20-15
logo
SMSC Corporation
USB2513Bi-AEZG SMSC-USB2513Bi-AEZG Datasheet
1Mb / 72P
USB 2.0 Hi-Speed Hub Controller
USB2513Bi-AEZG SMSC-USB2513Bi-AEZG Datasheet
1Mb / 63P
USB 2.0 Hi-Speed Hub Controller
USB2513BI-AEZG SMSC-USB2513BI-AEZG Datasheet
1Mb / 63P
USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2513Bi-AEZG MICROCHIP-USB2513Bi-AEZG Datasheet
887Kb / 57P
USB 2.0 Hi-Speed Hub Controller
07/14/15
More results


Similar Description - USB2513BI

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2517 SMSC-USB2517 Datasheet
1Mb / 72P
USB 2.0 Hi-Speed Hub Controller
USB2512B-AEZG SMSC-USB2512B-AEZG_12 Datasheet
1Mb / 63P
USB 2.0 Hi-Speed Hub Controller
USB2533 SMSC-USB2533 Datasheet
891Kb / 61P
USB 2.0 Hi-Speed 3-Port Hub Controller
logo
Microchip Technology
USB2512B-AEZG-TR MICROCHIP-USB2512B-AEZG-TR Datasheet
861Kb / 63P
USB 2.0 Hi-Speed Hub Controller
Revision 2.2 02-17-12
logo
SMSC Corporation
USB2514B-AEZC-TR SMSC-USB2514B-AEZC-TR Datasheet
1Mb / 63P
USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2512 MICROCHIP-USB2512 Datasheet
887Kb / 57P
USB 2.0 Hi-Speed Hub Controller
07/14/15
USB2534 MICROCHIP-USB2534 Datasheet
543Kb / 52P
USB 2.0 Hi-Speed 4-Port Hub Controller
03/25/14
USB2517 MICROCHIP-USB2517 Datasheet
785Kb / 58P
USB 2.0 Hi-Speed 7-Port Hub Controller
07/14/15
USB2512B MICROCHIP-USB2512B Datasheet
887Kb / 57P
USB 2.0 Hi-Speed Hub Controller
07/14/15
USB251XB MICROCHIP-USB251XB Datasheet
1,017Kb / 57P
USB 2.0 Hi-Speed Hub Controller
10-20-15
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com