Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R232 Datasheet (PDF) - Holtek Semiconductor Inc

HT46R232 Datasheet PDF - Holtek Semiconductor Inc
Part # HT46R232
Download  HT46R232 Download
File Size   434.89 Kbytes
Page   50 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description A/D Type 8-Bit MCU

HT46R232 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT46R232 Datasheet PDF - Holtek Semiconductor Inc

Part # HT46R232
Download  HT46R232 Click to download

File Size   434.89 Kbytes
Page   50 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description A/D Type 8-Bit MCU

HT46R232 Datasheet (HTML) - Holtek Semiconductor Inc


HT46R232 Product details

General Description

The HT46R232/HT46C232 are 8-bit, high performance, RISC architecture microcontroller devices specifically

designed for A/D applications that interface directly to analog signals, such as those from sensors. The mask

version HT46C232 is fully pin and functionally compatible with the OTP version HT46R232 device.



Features

Operating voltage:

  fSYS=4MHz: 2.2V~5.5V

  fSYS=8MHz: 3.3V~5.5V

40 bidirectional I/O lines (max.)

1 interrupt input shared with an I/O line

Two 16-bit programmable timer/event counter with overflow interrupt

On-chip crystal and RC oscillator

Watchdog Timer

409616 program memory

1928 data memory RAM

Supports PFD for sound generation

HALT function and wake-up feature reduce power consumption

Up to 0.5s instruction cycle with 8MHz system clock at VDD=5V

8-level subroutine nesting

8 channels 10-bit resolution A/D converter

4-channel 8-bit PWM output shared with four I/O lines

Bit manipulation instruction

16-bit table read instruction

63 powerful instructions

All instructions in one or two machine cycles

Low voltage reset function

I2C Bus (slave mode)

28-pin SKDIP/SOP, 48-pin SSOP packages




Similar Part No. - HT46R232

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R23 HOLTEK-HT46R23 Datasheet
1Mb / 42P
8-Bit OTP Microcontroller
August 17, 2001
HT46R23 HOLTEK-HT46R23 Datasheet
348Kb / 48P
A/D Type 8-Bit MCU
May 3, 2004
More results


Similar Description - HT46R232

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R22 HOLTEK-HT46R22 Datasheet
390Kb / 46P
8-Bit A/D Type MCU
October 2, 2002
HT46C24 HOLTEK-HT46C24 Datasheet
393Kb / 49P
A/D Type 8-Bit MCU
May 3, 2004
HT46C47 HOLTEK-HT46C47 Datasheet
264Kb / 39P
A/D Type 8-Bit MCU
May 3, 2004
logo
Taiwan Memory Technolog...
T81L0006A TMT-T81L0006A Datasheet
147Kb / 21P
8-bit A/D Type MCU
logo
Holtek Semiconductor In...
HT46C23 HOLTEK-HT46C23 Datasheet
348Kb / 48P
A/D Type 8-Bit MCU
May 3, 2004
HT46R24 HOLTEK-HT46R24_06 Datasheet
403Kb / 51P
A/D Type 8-Bit MCU
March 2, 2006
HT46RU22 HOLTEK-HT46RU22 Datasheet
455Kb / 60P
A/D Type 8-Bit MCU
March 23, 2007
HT46RU25 HOLTEK-HT46RU25 Datasheet
476Kb / 63P
A/D Type 8-Bit MCU
March 9, 2007
logo
Taiwan Memory Technolog...
T81L0006A TMT-T81L0006A_06 Datasheet
160Kb / 23P
8-bit A/D Type MCU
logo
Holtek Semiconductor In...
HT46RU22 HOLTEK-HT46RU22_08 Datasheet
444Kb / 59P
A/D Type 8-Bit MCU
December 29, 2008
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com