Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R232 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT46R232
Description  A/D Type 8-Bit MCU
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R232 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT46R232 Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R232 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R232 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R232 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R232 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R232 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R232 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R232 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R232 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
HT46R232/HT46C232
A/D Type 8-Bit MCU
I
2C is a trademark of Philips Semiconductors.
Rev. 1.40
1
November 23, 2005
General Description
The HT46R232/HT46C232 are 8-bit, high performance,
RISC architecture microcontroller devices specifically
designed for A/D applications that interface directly to
analog signals, such as those from sensors. The mask
version HT46C232 is fully pin and functionally compati-
ble with the OTP version HT46R232 device.
The advantages of low power consumption, I/O flexibil-
ity, programmable frequency divider, timer functions,
oscillator options, multi-channel A/D Converter, Pulse
Width Modulation function, I
2C interface, HALT and
wake-up functions, enhance the versatility of these de-
vices to suit a wide range of A/D application possibilities
such as sensor signal processing, motor driving, indus-
trial control, consumer products, subsystem controllers,
etc.
Features
· Operating voltage:
fSYS=4MHz: 2.2V~5.5V
fSYS=8MHz: 3.3V~5.5V
· 40 bidirectional I/O lines (max.)
· 1 interrupt input shared with an I/O line
· Two 16-bit programmable timer/event counter with
overflow interrupt
· On-chip crystal and RC oscillator
· Watchdog Timer
· 4096´16 program memory
· 192´8 data memory RAM
· Supports PFD for sound generation
· HALT function and wake-up feature reduce power
consumption
· Up to 0.5ms instruction cycle with 8MHz system clock
at VDD=5V
· 8-level subroutine nesting
· 8 channels 10-bit resolution A/D converter
· 4-channel 8-bit PWM output shared with
four I/O lines
· Bit manipulation instruction
· 16-bit table read instruction
· 63 powerful instructions
· All instructions in one or two machine cycles
· Low voltage reset function
· I2C Bus (slave mode)
· 28-pin SKDIP/SOP, 48-pin SSOP packages
Technical Document
· Tools Information
· FAQs
· Application Note
- HA0005E Controlling the I2C bus with the HT48 & HT46 MCU Series
- HA0013E HT48 & HT46 LCM Interface Design
- HA0017E Controlling the Read/Write Function of the HT24 Series EEPROM Using the HT49 Series MCUs


Similar Part No. - HT46R232

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R23 HOLTEK-HT46R23 Datasheet
1Mb / 42P
8-Bit OTP Microcontroller
August 17, 2001
HT46R23 HOLTEK-HT46R23 Datasheet
348Kb / 48P
A/D Type 8-Bit MCU
May 3, 2004
More results

Similar Description - HT46R232

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R22 HOLTEK-HT46R22 Datasheet
390Kb / 46P
8-Bit A/D Type MCU
October 2, 2002
HT46C24 HOLTEK-HT46C24 Datasheet
393Kb / 49P
A/D Type 8-Bit MCU
May 3, 2004
HT46C47 HOLTEK-HT46C47 Datasheet
264Kb / 39P
A/D Type 8-Bit MCU
May 3, 2004
logo
Taiwan Memory Technolog...
T81L0006A TMT-T81L0006A Datasheet
147Kb / 21P
8-bit A/D Type MCU
logo
Holtek Semiconductor In...
HT46C23 HOLTEK-HT46C23 Datasheet
348Kb / 48P
A/D Type 8-Bit MCU
May 3, 2004
HT46R24 HOLTEK-HT46R24_06 Datasheet
403Kb / 51P
A/D Type 8-Bit MCU
March 2, 2006
HT46RU22 HOLTEK-HT46RU22 Datasheet
455Kb / 60P
A/D Type 8-Bit MCU
March 23, 2007
HT46RU25 HOLTEK-HT46RU25 Datasheet
476Kb / 63P
A/D Type 8-Bit MCU
March 9, 2007
logo
Taiwan Memory Technolog...
T81L0006A TMT-T81L0006A_06 Datasheet
160Kb / 23P
8-bit A/D Type MCU
logo
Holtek Semiconductor In...
HT46RU22 HOLTEK-HT46RU22_08 Datasheet
444Kb / 59P
A/D Type 8-Bit MCU
December 29, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com