Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R232 Datasheet(PDF) 25 Page - Holtek Semiconductor Inc

Part # HT46R232
Description  A/D Type 8-Bit MCU
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R232 Datasheet(HTML) 25 Page - Holtek Semiconductor Inc

Back Button HT46R232 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R232 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R232 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R232 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R232 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46R232 Datasheet HTML 26Page - Holtek Semiconductor Inc HT46R232 Datasheet HTML 27Page - Holtek Semiconductor Inc HT46R232 Datasheet HTML 28Page - Holtek Semiconductor Inc HT46R232 Datasheet HTML 29Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
HT46R232/HT46C232
Rev. 1.40
25
November 23, 2005
D a t a
1
0
1
0
0
1
0
0
1
0
0
1
0
1
0
1
1
S = S t a r t ( 1 b i t )
S A = S l a v e A d d r e s s ( 7 b i t s )
S R = S R W b i t ( 1 b i t )
M = S l a v e d e v i c e s e n d a c k n o w l e d g e b i t ( 1 b i t )
D = D a t a ( 8 b i t s )
A = A C K ( R X A K b i t f o r t r a n s m i t t e r , T X A K b i t f o r r e c e i v e r 1 b i t )
P = S t o p ( 1 b i t )
S C L
S t a r t
S D A
S R W
A C K
A C K
S t o p
S C L
S D A
S
S A
S R
M
D
A
D
A
S
S A
S R
M
D
A
D
A
P
S l a v e A d d r e s s
I
2C Communication Timing Diagram
Note:
1: Write the I
2C Bus address register (HADR) to define its own slave address.
2: Set HEN bit of I
2C Bus control register (HCR) bit 0 to enable the I2C Bus.
Bit No.
Label
Function
0~2
¾
Unused bit, read as
²0²
3
TXAK
Enable/disable transmit acknowledge (0= acknowledge; 1= don
¢t acknowledge)
4
HTX
Defines the transmit/receive mode (0= receive mode; 1= transmit)
5~6
¾
Unused bit, read as
²0²
7
HEN
Enable/disable I
2C Bus function (0= disable; 1= enable)
HCR (21H) Register
3: Set EHI bit of the interrupt control register 1 (INTC1) bit 0 to enable the I
2C Bus interrupt.
Bit No.
Label
Function
0
RXAK
RXAK is cleared to
²0² when the master receives an 8-bit data and acknowledgment
at the 9th clock, RXAK is set to
²1² means not acknowledged.
1
¾
Unused bit, read as
²0²
2
SRW
SRW is set to
²1² when the master wants to read data from the I2C Bus, so the slave
must transmit data to the master. SRW is cleared to
²0² when the master wants to
write data to the I
2C Bus, so the slave must receive data from the master.
3~4
¾
Unused bit, read as
²0²
5
HBB
HBB is set to
²1² when I2C Bus is busy and HBB is cleared to ²0² means that the I2C
Bus is not busy.
6
HAAS
HAAS is set to
²1² when the calling address has matched, and I2C Bus interrupt will
occur and HCF is set.
7
HCF
HCF is cleared to
²0² when one data byte is being transferred, HCF is set to ²1² indi-
cating 8-bit data communication has been finished.
HSR (22H) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com