Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R232 Datasheet(PDF) 27 Page - Holtek Semiconductor Inc

Part # HT46R232
Description  A/D Type 8-Bit MCU
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R232 Datasheet(HTML) 27 Page - Holtek Semiconductor Inc

Back Button HT46R232 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R232 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R232 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46R232 Datasheet HTML 26Page - Holtek Semiconductor Inc HT46R232 Datasheet HTML 27Page - Holtek Semiconductor Inc HT46R232 Datasheet HTML 28Page - Holtek Semiconductor Inc HT46R232 Datasheet HTML 29Page - Holtek Semiconductor Inc HT46R232 Datasheet HTML 30Page - Holtek Semiconductor Inc HT46R232 Datasheet HTML 31Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
HT46R232/HT46C232
Rev. 1.40
27
November 23, 2005
Options
The following shows kinds of options in the device. ALL the options must be defined to ensure proper system function.
Options
OSC type selection.
This option is to decide if an RC or crystal oscillator is chosen as system clock.
WDT source selection.
There are three types of selection: on-chip RC oscillator, instruction clock or disable the WDT.
CLRWDT times selection.
This option defines how to clear the WDT by instruction.
²One time² means that the CLR WDT instruction can clear
the WDT.
²Two times² means only if both of the CLR WDT1 and CLR WDT2 instructions have been executed, then
WDT can be cleared.
Wake-up selection.
This option defines the wake-up function activity. External I/O pins (PA only) all have the capability to wake-up the
chip from a HALT by a falling edge. (Bit option)
Pull-high selection.
This option is to decide whether a pull-high resistance is visible or not in the input mode of the I/O ports. PA and PB
are bit option; PC, PD and PF are port option.
PFD selection.
If PA3 is set as PFD output, there are two types of selections; One is PFD0 as the PFD output, the other is PFD1 as
the PFD output. PFD0, PFD1 are the timer overflow signals of the Timer/Event Counter 0, Timer/Event Counter 1 re-
spectively.
PWM selection: (7+1) or (6+2) mode
PD0: level output or PWM0 output
PD1: level output or PWM1 output
PD2: level output or PWM2 output
PD3: level output or PWM3 output
WDT time-out period selection.
2
12/f
S~2
13/f
S,2
13/f
S~2
14/f
S,2
14/f
S~2
15/f
S,2
15/f
S~2
16/f
S.
I
2C Bus function: enable or disable
LVR selection.
LVR has enable or disable options



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com