Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8051F303 Datasheet (PDF) - Silicon Laboratories

C8051F303 Datasheet PDF - Silicon Laboratories
Part # C8051F303
Download  C8051F303 Download
File Size   179.08 Kbytes
Page   2 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description 25 MIPS, 8 kB Flash, 11-Pin Mixed-Signal MCU

C8051F303 Datasheet (PDF)

Go To PDF Page Download Datasheet
C8051F303 Datasheet PDF - Silicon Laboratories

Part # C8051F303
Download  C8051F303 Click to download

File Size   179.08 Kbytes
Page   2 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description 25 MIPS, 8 kB Flash, 11-Pin Mixed-Signal MCU

C8051F303 Datasheet (HTML) - Silicon Laboratories


C8051F303 Product details

System Overview
C8051F300/1/2/3/4/5 devices are fully integrated mixed-signal system-on-a-chip MCUs. Highlighted features are listed below. Refer to Table 1.1 on page 14for specific product feature selection.

• High-speed pipelined 8051-compatible microcontroller core (up to 25 MIPS)
• In-system, full-speed, non-intrusive debug interface (on-chip)
• True 8-bit 500 ksps 11-channel ADC with programmable gain pre-amplifier and analog multiplexer
(C8051F300/2 only)
• Precision programmable 25 MHz internal oscillator
•Up to 8 kB of on-chip Flash memory
• 256 bytes of on-chip RAM
•SMBus/I2C and Enhanced UART serial interfaces implemented in hardware
• Three general-purpose 16-bit timers
• Programmable counter/timer array (PCA) with three capture/compare modules and watchdog timer
function
• On-chip power-on reset, VDDmonitor, and temperature sensor
• On-chip voltage comparator
• Byte-wide I/O port (5 V tolerant)

Analog Peripherals
- 8-Bit ADC (F300/2 only)
  • Up to 500 ksps
  • Up to 8 external inputs
  • Programmable amplifier gains of 4, 2, 1, & 0.5
  • VREF from external pin or VDD
  • Built-in temperature sensor
  • External conversion start input - Comparator
  • Programmable hysteresis and response time
  • Configurable as interrupt or reset source
  • Low current (<0.5 µA)

On-chip Debug
- On-chip debug circuitry facilitates full speed, non-intrusive in-system debug (no emulator required)
- Provides breakpoints, single stepping, inspect/modify memory and registers
- Superior performance to emulation systems using ICE-chips, target pods, and sockets
- Complete development kit

Supply Voltage 2.7 to 3.6 V
- Typical operating current: 6.6 mA @ 25 MHz; 14 µA @ 32 kHz
- Typical stop mode current: 0.1 µA
- Temperature range: –40 to +85 °C

High Speed 8051 µc Core
- Pipelined instruction architecture; executes 70% of instructions in 1 or 2 system clocks
- Up to 25 MIPS throughput with 25 MHz clock
- Expanded interrupt handler

Memory
- 256 bytes internal data RAM
- Up to 8 kB (‘F300/1/2/3), 4 kB (‘F304), or 2 kB (‘F305) Flash; 512 bytes are reserved in the 8 kB devices

Digital Peripherals
- 8 Port I/O; All 5 V tolerant with high sink current
- Hardware enhanced UART and SMBus™ serial ports
- Three general-purpose 16-bit counter/timers
- 16-bit programmable counter array (PCA) with three capture/compare modules
- Real time clock mode using PCA or timer and external clock source

Clock Sources
- Internal oscillator: 24.5 MHz with ±2% accuracy supports UART operation
- External oscillator: Crystal, RC, C, or clock (1 or 2 pin modes)
- Can switch between clock sources on-the-fly; Useful in power saving modes

11-Pin Quad Flat No-Lead (QFN) RoHS Package
- 3 x 3 mm PWB footprint




Similar Part No. - C8051F303

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F303 ETC-C8051F303 Datasheet
34Kb / 2P
8KB Flash, 256 RAM, 11-Pin MCU
C8051F303 ETC-C8051F303 Datasheet
3Mb / 174P
Mixed Signal ISP Flash MCU Family
C8051F303-GM ETC-C8051F303-GM Datasheet
3Mb / 174P
Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F303-GM SILABS-C8051F303-GM Datasheet
976Kb / 179P
Mixed Signal ISP Flash MCU Family
C8051F303-GS SILABS-C8051F303-GS Datasheet
976Kb / 179P
Mixed Signal ISP Flash MCU Family
More results


Similar Description - C8051F303

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F230 SILABS-C8051F230 Datasheet
414Kb / 2P
25 MIPS, 8 kB Flash, 48-Pin Mixed-Signal MCU
C8051F231 SILABS-C8051F231 Datasheet
427Kb / 2P
25 MIPS, 8 kB Flash, 32-Pin Mixed-Signal MCU
C8051F236 SILABS-C8051F236 Datasheet
415Kb / 2P
25 MIPS, 8 kB Flash, 48-Pin Mixed-Signal MCU
C8051F301 SILABS-C8051F301 Datasheet
179Kb / 2P
25 MIPS, 8 kB Flash, 11-Pin Mixed-Signal MCU
C8051F302 SILABS-C8051F302 Datasheet
199Kb / 2P
25 MIPS, 8 kB Flash, 8-Bit ADC, 11-Pin Mixed-Signal MCU
C8051F304 SILABS-C8051F304 Datasheet
177Kb / 2P
25 MIPS, 4 kB Flash, 11-Pin Mixed-Signal MCU
C8051F305 SILABS-C8051F305 Datasheet
176Kb / 2P
25 MIPS, 2 kB Flash, 11-Pin Mixed-Signal MCU
C8051F314 SILABS-C8051F314 Datasheet
162Kb / 2P
25 MIPS, 8 kB Flash, 32-Pin Mixed-Signal MCU
C8051F315 SILABS-C8051F315 Datasheet
434Kb / 2P
25 MIPS, 8 kB Flash, 28-Pin Mixed-Signal MCU
C8051F331 SILABS-C8051F331 Datasheet
424Kb / 2P
25 MIPS, 8 kB Flash, 20-Pin Mixed-Signal MCU
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com