Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8051F331 Datasheet (PDF) - Silicon Laboratories

C8051F331 Datasheet PDF - Silicon Laboratories
Part # C8051F331
Download  C8051F331 Download
File Size   424.87 Kbytes
Page   2 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description 25 MIPS, 8 kB Flash, 20-Pin Mixed-Signal MCU

C8051F331 Datasheet (PDF)

Go To PDF Page Download Datasheet
C8051F331 Datasheet PDF - Silicon Laboratories

Part # C8051F331
Download  C8051F331 Click to download

File Size   424.87 Kbytes
Page   2 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description 25 MIPS, 8 kB Flash, 20-Pin Mixed-Signal MCU

C8051F331 Datasheet (HTML) - Silicon Laboratories


C8051F331 Product details

System Overview

C8051F330/1/2/3/4/5 devices are fully integrated mixed-signal System-on-a-Chip MCUs. Highlighted features are listed below. Refer to Table 1.1 for specific product feature selection.



• High-speed pipelined 8051-compatible microcontroller core (up to 25 MIPS)

• In-system, full-speed, non-intrusive debug interface (on-chip)

• True 10-bit 200 ksps 16-channel single-ended/differential ADC with analog multiplexer

• 10-bit Current Output DAC

• Precision programmable 25 MHz internal oscillator

• Up to 8 kB of on-chip Flash memory—512 bytes are reserved

• 768 bytes of on-chip RAM

• SMBus/I2C, Enhanced UART, and Enhanced SPI serial interfaces implemented in hardware

• Four general-purpose 16-bit timers

• Programmable Counter/Timer Array (PCA) with three capture/compare modules and Watchdog Timer function

• On-chip Power-On Reset, VDD Monitor, and Temperature Sensor

• On-chip Voltage Comparator

• 17 Port I/O (5 V tolerant)



Analog Peripherals

   - 10-Bit ADC (‘F330/2/4 only)

      • Up to 200 ksps

      • Up to 16 external single-ended or differential inputs

      • VREF from internal VREF, external pin or VDD

      • Internal or external start of conversion source

      • Built-in temperature sensor

   - 10-Bit Current Output DAC (‘F330 only)

   - Comparator

       • Programmable hysteresis and response time

       • Configurable as interrupt or reset source

       • Low current (0.4 µA)

On-Chip Debug

   - On-chip debug circuitry facilitates full speed, nonintrusive in-system debug (no emulator required)

   - Provides breakpoints, single stepping, inspect/modify memory and registers

   - Superior performance to emulation systems using ICE-chips, target pods, and sockets

   - Low cost, complete development kit

Supply Voltage 2.7 to 3.6 V

   - Typical operating current: 6.4 mA at 25 MHz;

                                 9 µA at 32 kHz

   - Typical stop mode current: 0.1 µA

Temperature Range: –40 to +85 °C

High Speed 8051 µC Core

   - Pipelined instruction architecture; executes 70% of instructions in 1 or 2 system clocks

   - Up to 25 MIPS throughput with 25 MHz clock

   - Expanded interrupt handler Memory

   - 768 bytes internal data RAM (256 + 512)

   - 8 kB (‘F330/1), 4 kB (‘F332/3), or 2 kB (‘F334/5) Flash; In-system programmable in 512-byte Sectors—512 bytes are reserved in the 8 kB devices

Digital Peripherals

   - 17 Port I/O; All 5 V tolerant with high sink current

   - Hardware enhanced UART, SMBus™, and enhanced SPI™ serial ports

   - Four general purpose 16-bit counter/timers

   - 16-Bit programmable counter array (PCA) with three capture/compare modules

   - Real time clock mode using PCA or timer and external clock source

Clock Sources

   - Two internal oscillators:

      • 24.5 MHz with ±2% accuracy supports crystal-less UART operation

      • 80/40/20/10 kHz low frequency, low power

   - External oscillator: Crystal, RC, C, or clock (1 or 2 pin modes)

   - Can switch between clock sources on-the-fly; useful in power saving modes

20-Pin QFN Package



 




Similar Part No. - C8051F331

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F331 SILABS-C8051F331 Datasheet
2Mb / 216P
Mixed Signal ISP Flash MCU Family
C8051F331-GM SILABS-C8051F331-GM Datasheet
2Mb / 216P
Mixed Signal ISP Flash MCU Family
C8051F331-GM SILABS-C8051F331-GM Datasheet
1Mb / 300P
50 MIPS 16 kB Flash, 512B EEPROM Mixed-Signal MCU
C8051F331-GM SILABS-C8051F331-GM Datasheet
1Mb / 210P
Mixed-Signal ISP Flash MCU
More results


Similar Description - C8051F331

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F230 SILABS-C8051F230 Datasheet
414Kb / 2P
25 MIPS, 8 kB Flash, 48-Pin Mixed-Signal MCU
C8051F231 SILABS-C8051F231 Datasheet
427Kb / 2P
25 MIPS, 8 kB Flash, 32-Pin Mixed-Signal MCU
C8051F236 SILABS-C8051F236 Datasheet
415Kb / 2P
25 MIPS, 8 kB Flash, 48-Pin Mixed-Signal MCU
C8051F301 SILABS-C8051F301 Datasheet
179Kb / 2P
25 MIPS, 8 kB Flash, 11-Pin Mixed-Signal MCU
C8051F303 SILABS-C8051F303 Datasheet
179Kb / 2P
25 MIPS, 8 kB Flash, 11-Pin Mixed-Signal MCU
C8051F314 SILABS-C8051F314 Datasheet
162Kb / 2P
25 MIPS, 8 kB Flash, 32-Pin Mixed-Signal MCU
C8051F315 SILABS-C8051F315 Datasheet
434Kb / 2P
25 MIPS, 8 kB Flash, 28-Pin Mixed-Signal MCU
C8051F330 SILABS-C8051F330 Datasheet
450Kb / 2P
25 MIPS, 8 kB Flash, 10-Bit ADC, 20-Pin Mixed-Signal MCU
C8051F333 SILABS-C8051F333 Datasheet
421Kb / 2P
25 MIPS, 4 kB Flash, 20-Pin Mixed-Signal MCU
C8051F335 SILABS-C8051F335 Datasheet
421Kb / 2P
25 MIPS, 2 kB Flash, 20-Pin Mixed-Signal MCU
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com