Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX29F040C Datasheet (PDF) - Macronix International

MX29F040C Datasheet PDF - Macronix International
Part # MX29F040C
Download  MX29F040C Download
File Size   581.4 Kbytes
Page   38 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description 4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 5V ONLY EQUAL SECTOR FLASH MEMORY

MX29F040C Datasheet (PDF)

Go To PDF Page Download Datasheet
MX29F040C Datasheet PDF - Macronix International

Part # MX29F040C
Download  MX29F040C Click to download

File Size   581.4 Kbytes
Page   38 Pages
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International
Description 4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 5V ONLY EQUAL SECTOR FLASH MEMORY

MX29F040C Datasheet (HTML) - Macronix International


MX29F040C Product details

GENERAL DESCRIPTION
The MX29F040C is a 4-mega bit Flash memory organized as 512K bytes of 8 bits. MXICs Flash memories offer the most cost-effective and reliable read/write nonvolatile random access memory. The MX29F040C is packaged in 32-pin PLCC, TSOP, PDIP. It is designed to be reprogrammed and erased in system or in standard EPROM programmers.

FEATURES
• 524,288 x 8 only
• Single power supply operation
    - 5.0V only operation for read, erase and program operation
• Fast access time: 55/70/90ns
• Compatible with MX29F040 device
• Low power consumption
    - 30mA maximum active current(5MHz)
    - 1uA typical standby current
• Command register architecture
    - Byte Programming (9us typical)
    - Sector Erase
        8 equal sectors of 64K-Byte each
• Auto Erase (chip & sector) and Auto Program
    - Automatically erase any combination of sectors with Erase Suspend capability
    - Automatically program and verify data at specified address
• Erase suspend/Erase Resume
    - Suspends an erase operation to read data from, or program data to, another sector that is not being erased, then resumes the erase
• Status Reply
    - Data# Polling & Toggle bit for detection of program and erase cycle completion
• Sector protect/chip unprotect for 5V only system
• Sector protection
    - Hardware method to disable any combination of sectors from program or erase operations
    - Temporary sector unprotect allows code changes in previously locked sectors
• 100,000 minimum erase/program cycles
• 100,000 minimum erase/program cycles
• Latch-up protected to 100mA from -1V to VCC+1V
• Low VCC write inhibit is equal to or less than 3.2V
• Package type:
    - 32-pin PLCC, TSOP or PDIP
    - All Pb-free devices are RoHS Compliant
• Compatibility with JEDEC standard
    - Pinout and software compatible with single-power supply Flash
• 20 years data retention




Similar Part No. - MX29F040C

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F040CQC-70G MCNIX-MX29F040CQC-70G Datasheet
559Kb / 41P
4M-BIT [512K x 8] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
MX29F040CQC-90G MCNIX-MX29F040CQC-90G Datasheet
559Kb / 41P
4M-BIT [512K x 8] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
MX29F040CQI-70G MCNIX-MX29F040CQI-70G Datasheet
559Kb / 41P
4M-BIT [512K x 8] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
MX29F040CQI-90G MCNIX-MX29F040CQI-90G Datasheet
559Kb / 41P
4M-BIT [512K x 8] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
MX29F040CTC-70G MCNIX-MX29F040CTC-70G Datasheet
559Kb / 41P
4M-BIT [512K x 8] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
More results


Similar Description - MX29F040C

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV004T MCNIX-MX29LV004T Datasheet
724Kb / 54P
4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV040 MCNIX-MX29LV040 Datasheet
713Kb / 51P
4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
MX29LV081 MCNIX-MX29LV081 Datasheet
466Kb / 51P
8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
MX29F4000 MCNIX-MX29F4000 Datasheet
247Kb / 36P
4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
logo
List of Unclassifed Man...
MX29LV033A ETC1-MX29LV033A Datasheet
348Kb / 56P
32M-BIT [4M x 8] CMOS EQUAL SECTOR FLASH MEMORY
logo
Macronix International
MX29LV040C MCNIX-MX29LV040C Datasheet
484Kb / 52P
4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
logo
List of Unclassifed Man...
MX29LV065B ETC1-MX29LV065B Datasheet
338Kb / 51P
8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
logo
Macronix International
MX29LV081B MCNIX-MX29LV081B Datasheet
338Kb / 51P
8M-BIT [1M x 8] CMOS SINGLE VOLTAGE 3V ONLY EQUAL SECTOR FLASH MEMORY
MX29LV004CT MCNIX-MX29LV004CT Datasheet
517Kb / 59P
4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29F040CQC-70G MCNIX-MX29F040CQC-70G Datasheet
559Kb / 41P
4M-BIT [512K x 8] SINGLE VOLTAGE 5V ONLY FLASH MEMORY
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com