Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX29F040C Datasheet(PDF) 2 Page - Macronix International

Part # MX29F040C
Description  4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 5V ONLY EQUAL SECTOR FLASH MEMORY
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F040C Datasheet(HTML) 2 Page - Macronix International

  MX29F040C Datasheet HTML 1Page - Macronix International MX29F040C Datasheet HTML 2Page - Macronix International MX29F040C Datasheet HTML 3Page - Macronix International MX29F040C Datasheet HTML 4Page - Macronix International MX29F040C Datasheet HTML 5Page - Macronix International MX29F040C Datasheet HTML 6Page - Macronix International MX29F040C Datasheet HTML 7Page - Macronix International MX29F040C Datasheet HTML 8Page - Macronix International MX29F040C Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
2
P/N:PM1201
REV. 1.0, DEC. 20, 2005
MX29F040C
PIN CONFIGURATIONS
32 PLCC
32 TSOP (Standard Type) (8mm x 20mm)
SYMBOL
PIN NAME
A0~A18
Address Input
Q0~Q7
Data Input/Output
CE#
Chip Enable Input
WE#
Write Enable Input
OE#
Output Enable Input
GND
Ground Pin
VCC
+5.0V single power supply
PIN DESCRIPTION
Sector
A18
A17
A16
Address Range
SA0
0
0
0
00000h-0FFFFh
SA1
0
0
1
10000h-1FFFFh
SA2
0
1
0
20000h-2FFFFh
SA3
0
1
1
30000h-3FFFFh
SA4
1
0
0
40000h-4FFFFh
SA5
1
0
1
50000h-5FFFFh
SA6
1
1
0
60000h-6FFFFh
SA7
1
1
1
70000h-7FFFFh
Note: All sectors are 64 Kbytes in size.
SECTOR STRUCTURE
MX29F040C SECTOR ADDRESS TABLE
32 PDIP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A18
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
Q0
Q1
Q2
GND
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VCC
WE#
A17
A14
A13
A8
A9
A11
OE#
A10
CE#
Q7
Q6
Q5
Q4
Q3
1
4
5
9
13
14
17
20
21
25
29
32
30
A14
A13
A8
A9
A11
OE#
A10
CE#
Q7
A7
A6
A5
A4
A3
A2
A1
A0
Q0
MX29F040C
A11
A9
A8
A13
A14
A17
WE#
VCC
A18
A16
A15
A12
A7
A6
A5
A4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
OE#
A10
CE#
Q7
Q6
Q5
Q4
Q3
GND
Q2
Q1
Q0
A0
A1
A2
A3
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
MX29F040C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com