Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M66010GP Datasheet (PDF) - Mitsubishi Electric Semiconductor

M66010GP Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M66010GP
Download  M66010GP Download
File Size   65.42 Kbytes
Page   5 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 24-BIT I/O EXPANDER

M66010GP Datasheet (PDF)

Go To PDF Page Download Datasheet
M66010GP Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M66010GP
Download  M66010GP Click to download

File Size   65.42 Kbytes
Page   5 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 24-BIT I/O EXPANDER

M66010GP Datasheet (HTML) - Mitsubishi Electric Semiconductor


M66010GP Product details

DESCRIPTION
M66010 Semiconductor Integrated Circuit inputs 24-bit data in series and outputs it in parallel and vice versa, using shift register function.
Equipped with 2 independent shift registers, one for serial-toparallel, the other for parallel-to-serial, this IC is able to read serial input data into a shift register while converting data from parallel to serial. Parallel input/output pins are set to input or output according to the bit.
The M66010 is useful in a wide range of applications, such as MCU (micro controller unit) input/output port extension and serial bus system data communication.

FEATURES
• Two-way serial data communication with MCU
• Serial data intake possible during parallel-to-serial conversion
• Parallel input/output switchable according to the bit
• Low power dissipation: 100µW maximum per package (VCC =5V, Ta = 25˚C, quiescent)
• Schmidt input (DI, CLK, S, CS)
• Open drain output (DO, D1 thru D24)
• Parallel data input and output (D1 thru D24)
• Wide operating supply voltage range (VCC = 2V ~ 6V)

APPLICATION
    MCU-related serial-parallel data conversion, serial bus control by MCU, etc.




Similar Part No. - M66010GP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66010GP RENESAS-M66010GP Datasheet
1Mb / 6P
24-BIT I/O EXPANDER
More results


Similar Description - M66010GP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66006P MITSUBISHI-M66006P Datasheet
102Kb / 5P
12-BIT I/O EXPANDER
M66008P MITSUBISHI-M66008P Datasheet
107Kb / 5P
16-BIT I/O EXPANDER
M60006P MITSUBISHI-M60006P Datasheet
75Kb / 5P
12-bit I/O EXPANDER
logo
Renesas Technology Corp
R8A66150SP RENESAS-R8A66150SP Datasheet
429Kb / 8P
12-BIT I/O EXPANDER
R8A66151SP RENESAS-R8A66151SP Datasheet
432Kb / 8P
24-BIT I/O EXPANDER
M66008P RENESAS-M66008P Datasheet
1Mb / 7P
16-BIT I/O EXPANDER
M66006P RENESAS-M66006P Datasheet
1Mb / 6P
12-BIT I/O EXPANDER
M66010FP RENESAS-M66010FP Datasheet
1Mb / 6P
24-BIT I/O EXPANDER
R8A66156SP RENESAS-R8A66156SP Datasheet
202Kb / 8P
24-bit I/O EXPANDER WITH LED DRIVE FUNCTION
logo
Kinetic Technologies.
KTS1620 KINETIC-KTS1620 Datasheet
1Mb / 30P
Low Voltage 24-Bit I2C-bus I/O Expander
September 2018 - Revision 04a
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com