Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT3015 Datasheet (PDF) - Holtek Semiconductor Inc

HT3015 Datasheet PDF - Holtek Semiconductor Inc
Part # HT3015
Download  HT3015 Download
File Size   284.17 Kbytes
Page   6 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 15 Latin Rhythm Generator

HT3015 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT3015 Datasheet PDF - Holtek Semiconductor Inc

Part # HT3015
Download  HT3015 Click to download

File Size   284.17 Kbytes
Page   6 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 15 Latin Rhythm Generator

HT3015 Datasheet (HTML) - Holtek Semiconductor Inc


HT3015 Product details

General Description
The HT3015A is a single-chip PCM rhythm generator implemented in the CMOS technology. The IC includes 16 keys and can generate 15 kinds of rhythm. While the IC is playing, an LED flashes at a rate of 3Hz. Various types of timbre and rhythm can be generated by coding the internal ROM. The IC is offered in either a dice form or 24 pin dual-in-line package.

Features
• Operating Voltage: 2.4V~5.0V
• Directly drive an external transistor
• Low stand-by current
• 15 rhythms triggered by 16 keys
• 3Hz LED flash output
• 24 pin dual-in-line package

Applications
• Toys
• Sound effect generators




Similar Part No. - HT3015

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HT301A L-COM-HT301A Datasheet
387Kb / 2P
Deluxe Coaxial Crimp Tool with .256", .213" and .068" Hex Die
More results


Similar Description - HT3015

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65575FP MITSUBISHI-M65575FP Datasheet
39Kb / 11P
Rhythm Phrase Player
logo
Winbond
W83195BR-118 WINBOND-W83195BR-118 Datasheet
361Kb / 28P
Clock Generator
logo
Aeroflex Circuit Techno...
IFR6813 AEROFLEX-IFR6813 Datasheet
153Kb / 4P
Microwave Generator
logo
List of Unclassifed Man...
ALG01 ETC2-ALG01 Datasheet
103Kb / 1P
ALARM GENERATOR
logo
Renesas Technology Corp
M65575FP RENESAS-M65575FP Datasheet
133Kb / 12P
Rhythm Phrase Player
logo
ON Semiconductor
NB3N51044 ONSEMI-NB3N51044 Datasheet
135Kb / 13P
Clock Generator
July, 2014 ??Rev. 1
logo
Integrated Device Techn...
87974I IDT-87974I Datasheet
245Kb / 16P
Low Skew, 1-to-15, LVCMOS/LVTTL Clock Generator
logo
Festo Corporation.
VADMI-140 FESTO-VADMI-140 Datasheet
95Kb / 2P
Vacuum generator
VADMI-140-N FESTO-VADMI-140-N Datasheet
97Kb / 2P
Vacuum generator
logo
Renesas Technology Corp
87974I RENESAS-87974I Datasheet
440Kb / 17P
Low Skew, 1-to-15, LVCMOS/LVTTL Clock Generator
January 26, 2016
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com