Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT3015 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT3015
Description  15 Latin Rhythm Generator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT3015 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT3015 Datasheet HTML 1Page - Holtek Semiconductor Inc HT3015 Datasheet HTML 2Page - Holtek Semiconductor Inc HT3015 Datasheet HTML 3Page - Holtek Semiconductor Inc HT3015 Datasheet HTML 4Page - Holtek Semiconductor Inc HT3015 Datasheet HTML 5Page - Holtek Semiconductor Inc HT3015 Datasheet HTML 6Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Pin Description
Pin No.
Pin Name
I/O
Internal
Connection
Description
1~6,
15, 24
KEY1~KEY16
I
Pull-High
Trigger keys, low active, retriggerable keys
7
NC
—
—
No connection
8
VDD
I
—
Positive power supply
9AUD
O
PMOS
Output
Voice output for driving an external transistor
10
OSCO
O
—
Oscillator output pin
11
OSCI
I
—
Oscillator input pin
12
FLAG
O
NMOS
Open Drain
3Hz flash, low active output, open drain
13
VSS
I
—
Negative power supply (GND)
14
TEST
I
Pull-High
For IC test only
Absolute Maximum Ratings
Supply Voltage .............................. –0.3V to 6.0V
Storage Temperature................. –50
°C to 125°C
Input Voltage................. VSS–0.3V to VDD+0.3V
Operating Temperature................... 0
°C to 70°C
Electrical Characteristics
(Ta=25
°C)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VDD
Condition
VDD
Supply Voltage
—
—
2.4
—
5.0
V
IDD
Operating Current
3V
No load
—
200
400
µA
ISTB
Stand-by Current
3V
—
—
1
5
µA
IAUD
Max. AUD Output Current
3V
VOH=0.6V
–1.5
–2
—
mA
IOL
FLAG Sink Current
3V
VOL=0.3V
1.5
3.0
—
mA
VIL
“L” Input Voltage
—
—
—
—
0.2VDD
V
VIH
“H” Input Voltage
—
—
0.7VDD
——
V
FOSC
System Frequency
3V
ROSC=100K
—
180
—
KHz
HT3015A
3
25th June ’96



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com