Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IW1602-01B Datasheet (PDF) - Renesas Technology Corp

IW1602-01B Datasheet PDF - Renesas Technology Corp
Part # IW1602-01B
Download  IW1602-01B Download
File Size   518.28 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Off-Line Digital Green-Mode Quasi-Resonant PWM Controller

IW1602-01B Datasheet (PDF)

Go To PDF Page Download Datasheet
IW1602-01B Datasheet PDF - Renesas Technology Corp

Part # IW1602-01B
Download  IW1602-01B Click to download

File Size   518.28 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Off-Line Digital Green-Mode Quasi-Resonant PWM Controller

IW1602-01B Datasheet (HTML) - Renesas Technology Corp


IW1602-01B Product details

■ User-configurable light-load operation modes for
optimized dynamic load response and no-load power
consumption
■ No-load power consumption < 30mW at 230VAC
with fast dynamic load response in typical 5V, 2A
10W compact adapter/charger when a secondaryside
controller with Active Voltage Positioning (AVP)
function is used (iW676-30C)
■ No-load power consumption < 75mW at 230VAC along
with fast dynamic load response in typical 5V, 2A
10W compact adapter/charger applications without a
secondary-side AVP controller
■ Tight constant-voltage and constant current
regulation across line and load range
■ Primary-side feedback eliminates optoisolators and
simplifies design
■ Intelligent low power management achieves ultra-low
operating current (~250μA) at no-load
■ Proprietary optimized 89kHz maximum PWM
switching frequency with quasi-resonant operation
achieves best size, efficiency and common mode
noise
■ User-configurable 5-level cable drop compensation
provides design flexibility
■ EZ-EMITM design enhances manufacturability
■ Adaptive multi-mode PWM/PFM control improves
efficiency
■ Complies with CoC Version 5 Tier 2 and DOE level VI
energy-efficiency specifications with ample margin
■ Built-in single-point fault protections against output
short-circuit, output over-voltage and output overcurrent
■ Dedicated pins for external over-voltage protection,
with latch function available
■ SmartDefender™ smart hiccup technology helps
to address issues of soft shorts in cables and
connectors by effectively reducing the average output
power at fault conditions without latch
■ Optional on-chip internal over-temperature protection
■ No audible noise over entire operating range
■ Space-saving SOT-23 package




Similar Part No. - IW1602-01B

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW1602 DIALOG-IW1602 Datasheet
457Kb / 7P
Off-Line Digital Green-Mode Quasi-Resonant PWM Controller
More results


Similar Description - IW1602-01B

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW1600 DIALOG-IW1600 Datasheet
386Kb / 5P
Off-Line Digital Green-Mode Quasi-Resonant PWM Controller
IW1601 DIALOG-IW1601 Datasheet
364Kb / 5P
Off-Line Digital Green-Mode Quasi-Resonant PWM Controller
IW1679 DIALOG-IW1679 Datasheet
350Kb / 6P
Off-Line Digital Green-Mode Quasi-Resonant PWM Controller
IW1699 DIALOG-IW1699 Datasheet
362Kb / 6P
Off-Line Digital Green-Mode Quasi-Resonant PWM Controller
IW1699B DIALOG-IW1699B Datasheet
463Kb / 6P
Off-Line Digital Green-Mode Quasi-Resonant PWM Controller
IW1709 DIALOG-IW1709 Datasheet
328Kb / 6P
Off-Line Digital Green-Mode Quasi-Resonant PWM Controller
IW1760B DIALOG-IW1760B Datasheet
399Kb / 5P
Off-Line Digital Green-Mode Quasi-Resonant PWM Controller
logo
Renesas Technology Corp
IW1600 RENESAS-IW1600 Datasheet
480Kb / 6P
Off-Line Digital Green-Mode Quasi-Resonant PWM Controller
10-Feb-2022
IW1709 RENESAS-IW1709 Datasheet
464Kb / 6P
Off-Line Digital Green-Mode Quasi-Resonant PWM Controller
24-Jan-2022
IW1760B RENESAS-IW1760B Datasheet
497Kb / 5P
Off-Line Digital Green-Mode Quasi-Resonant PWM Controller
24-Jan-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com