Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IW1767 Datasheet (PDF) - Renesas Technology Corp

IW1767 Datasheet PDF - Renesas Technology Corp
Part # IW1767
Download  IW1767 Download
File Size   517.09 Kbytes
Page   5 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-Low No-Load Power Digital Quasi-Resonant PWM Controller

IW1767 Datasheet (PDF)

Go To PDF Page Download Datasheet
IW1767 Datasheet PDF - Renesas Technology Corp

Part # IW1767
Download  IW1767 Click to download

File Size   517.09 Kbytes
Page   5 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-Low No-Load Power Digital Quasi-Resonant PWM Controller

IW1767 Datasheet (HTML) - Renesas Technology Corp


IW1767 Product details

● Ultra-low no-load power consumption with lowest
system cost (< 20mW at 230VAC in typical 12V2A power
supplies)
● Fast dynamic response with secondary-side
transient detection
● Adaptively controlled soft-start enables fast and smooth
start-up for a wide range of capacitive loads (from 330μF
to 6,000μF) with output voltage up to 12V
● Tight constant-voltage and constant-current regulation
across line and load range with primary-side feedback
and control
● Intelligent low power management achieves ultra-
operating current (~250μA) at no-load
● Proprietary optimized 79kHz maximum constant frequency
PWM switching with quasi-resonant operation achieves
best size, efficiency, and common mode noise
● User-configurable 5-level cable drop compensation
provides design flexibility
● EZ-EMI® design enhances manufacturability
● Adaptive multi-mode PWM/PFM control improves
efficiency
● No external loop compensation components required
● Built-in single-point fault protections against output shortcircuit,
output over-voltage, and output over-current
● Dedicated pin for user-configurable external shutdown
control
● No audible noise over entire operating range




Similar Part No. - IW1767

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
IW1760B DIALOG-IW1760B Datasheet
399Kb / 5P
Off-Line Digital Green-Mode Quasi-Resonant PWM Controller
logo
Renesas Technology Corp
IW1760B RENESAS-IW1760B Datasheet
497Kb / 5P
Off-Line Digital Green-Mode Quasi-Resonant PWM Controller
24-Jan-2022
IW1760B-00 RENESAS-IW1760B-00 Datasheet
497Kb / 5P
Off-Line Digital Green-Mode Quasi-Resonant PWM Controller
24-Jan-2022
IW1760B-01 RENESAS-IW1760B-01 Datasheet
497Kb / 5P
Off-Line Digital Green-Mode Quasi-Resonant PWM Controller
24-Jan-2022
IW1760B-03 RENESAS-IW1760B-03 Datasheet
497Kb / 5P
Off-Line Digital Green-Mode Quasi-Resonant PWM Controller
24-Jan-2022
More results


Similar Description - IW1767

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2QS03 INFINEON-ICE2QS03 Datasheet
803Kb / 19P
Quasi-Resonant PWM Controller
Ver 2.0, December 4, 2009
ICE2QS03G INFINEON-ICE2QS03G Datasheet
701Kb / 19P
Quasi-Resonant PWM Controller
Ver 2.1, February 5, 2010
ICE2QS01 INFINEON-ICE2QS01 Datasheet
361Kb / 17P
Quasi-resonant PWM Controller
Version 2.1, 26 Oct 2007
ICE2QS03 INFINEON-ICE2QS03_11 Datasheet
637Kb / 19P
Quasi-Resonant PWM Controller
Version 2.1, April 21, 2011
logo
SYNC POWER Crop.
SP6878 SYNC-POWER-SP6878 Datasheet
432Kb / 8P
Quasi-Resonant PWM Controller
logo
ON Semiconductor
FAN604 ONSEMI-FAN604 Datasheet
1Mb / 23P
Quasi-Resonant PWM Controller
March 2017- Rev. P0
logo
Dialog Semiconductor
IW1766C1 DIALOG-IW1766C1 Datasheet
386Kb / 6P
Ultra-Low No-Load Power Digital Quasi-Resonant PWM Controller
logo
Diodes Incorporated
AP3302 DIODES-AP3302 Datasheet
624Kb / 17P
QUASI-RESONANT PWM CONTROLLER
Rev 4
logo
Renesas Technology Corp
IW1762 RENESAS-IW1762 Datasheet
456Kb / 5P
Ultra-Low No-Load Power Digital Quasi-Resonant PWM Controller
January 24, 2022
logo
Diodes Incorporated
AP3303 DIODES-AP3303 Datasheet
844Kb / 16P
QUASI-RESONANT PWM CONTROLLER
May 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com