Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80SQ045N Datasheet (PDF) - ON Semiconductor

80SQ045N Datasheet PDF - ON Semiconductor
Part # 80SQ045N
Download  80SQ045N Download
File Size   61.63 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Axial Lead Rectifier

80SQ045N Datasheet (PDF)

Go To PDF Page Download Datasheet
80SQ045N Datasheet PDF - ON Semiconductor

Part # 80SQ045N
Download  80SQ045N Click to download

File Size   61.63 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Axial Lead Rectifier

80SQ045N Datasheet (HTML) - ON Semiconductor


80SQ045N Product details

Features
• High Current Capability
• Low Stored Charge, Majority Carrier Conduction
• Low Power Loss/High Efficiency
• Highly Stable Oxide Passivated Junction
• Guard−Ring for Stress Protection
• Low Forward Voltage
• High Surge Capacity
• These are Pb−Free Devices


Mechanical Characteristics:
• Case: Epoxy, Molded
• Weight: 1.1 Gram (Approximately)
• Finish: All External Surfaces Corrosion Resistant and Terminal Leads are Readily Solderable
• Lead and Mounting Surface Temperature for Soldering Purpos 220°C Max. for 10 Seconds, 1/16″from Case
• Polarity: Cathode indicated by Polarity Band
• ESD Protection: Human Body Model > 4000 V (Class 3) Machine Model > 400 V (Class C)




Similar Part No. - 80SQ045N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
80SQ045 IRF-80SQ045 Datasheet
125Kb / 5P
SCHOTTKY RECTIFIER
80SQ045 IRF-80SQ045 Datasheet
172Kb / 4P
8 AMP SCHOTTKY POWER RECTIFIERS
logo
Vishay Siliconix
80SQ045 VISHAY-80SQ045 Datasheet
106Kb / 6P
Schottky Rectifier, 8 A
07-Nov-08
logo
New Jersey Semi-Conduct...
80SQ045 NJSEMI-80SQ045 Datasheet
142Kb / 1P
Schottky Rectifiers
logo
SUNMATE electronic Co.,...
80SQ045 SUNMATE-80SQ045 Datasheet
1Mb / 3P
8A Axial Leaded Schottky Rectifier
More results


Similar Description - 80SQ045N

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE579 NTE-NTE579 Datasheet
15Kb / 1P
Silicon Axial Lead Rectifier
logo
Sensitron
1N4245 SENSITRON-1N4245 Datasheet
47Kb / 2P
HERMETIC AXIAL LEAD RECTIFIER
1N5619 SENSITRON-1N5619 Datasheet
142Kb / 3P
HERMETIC AXIAL LEAD/MELF RECTIFIER
logo
ON Semiconductor
MBR340 ONSEMI-MBR340_06 Datasheet
60Kb / 4P
Axial Lead Rectifier
June, 2006 ??Rev. 7
MBR1100 ONSEMI-MBR1100_06 Datasheet
59Kb / 4P
Axial Lead Rectifier
June, 2006 ??Rev. 6
MBR3100 ONSEMI-MBR3100_06 Datasheet
58Kb / 4P
Axial Lead Rectifier
June, 2006 ??Rev. 6
logo
Sensitron
1N3611 SENSITRON-1N3611 Datasheet
37Kb / 2P
HERMETIC AXIAL LEAD RECTIFIER
SS3611 SENSITRON-SS3611 Datasheet
37Kb / 2P
HERMETIC AXIAL LEAD RECTIFIER
logo
ON Semiconductor
MBR3060 ONSEMI-MBR3060 Datasheet
154Kb / 5P
Axial Lead Rectifier
September, 2006 ??Rev. 1
MBR1100 ONSEMI-MBR1100_16 Datasheet
67Kb / 4P
Axial Lead Rectifier
February, 2016 ??Rev. 7
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com