Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80SQ045 Datasheet (PDF) - Vishay Siliconix

80SQ045 Datasheet PDF - Vishay Siliconix
Part # 80SQ045
Download  80SQ045 Download
File Size   106.86 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Rectifier, 8 A

80SQ045 Datasheet (PDF)

Go To PDF Page Download Datasheet
80SQ045 Datasheet PDF - Vishay Siliconix

Part # 80SQ045
Download  80SQ045 Click to download

File Size   106.86 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Rectifier, 8 A

80SQ045 Datasheet (HTML) - Vishay Siliconix


80SQ045 Product details

DESCRIPTION

The 80SQ axial leaded Schottky rectifier series has been optimized for low reverse leakage at high temperature. The proprietary barrier technology allows for reliable operation up to 175 °C junction temperature. Typical applications are in switching power supplies, converters, freewheeling diodes, and reverse battery protection.



FEATURES

• 175 °C TJ operation

• Low forward voltage drop

• High frequency operation

• High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance

• Guard ring for enhanced ruggedness and long term reliability

• Lead (Pb)-free plating

• Designed and qualified for industrial level



 




Similar Part No. - 80SQ045

ManufacturerPart #DatasheetDescription
logo
International Rectifier
80SQ045 IRF-80SQ045 Datasheet
125Kb / 5P
SCHOTTKY RECTIFIER
80SQ045 IRF-80SQ045 Datasheet
172Kb / 4P
8 AMP SCHOTTKY POWER RECTIFIERS
logo
New Jersey Semi-Conduct...
80SQ045 NJSEMI-80SQ045 Datasheet
142Kb / 1P
Schottky Rectifiers
logo
SUNMATE electronic Co.,...
80SQ045 SUNMATE-80SQ045 Datasheet
1Mb / 3P
8A Axial Leaded Schottky Rectifier
logo
ON Semiconductor
80SQ045N ONSEMI-80SQ045N Datasheet
61Kb / 4P
Axial Lead Rectifier
May, 2006 ??Rev. 3
More results


Similar Description - 80SQ045

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8TQ100 VISHAY-8TQ100 Datasheet
121Kb / 6P
Schottky Rectifier, 8 A
19-Aug-08
8TQ100G VISHAY-8TQ100G Datasheet
123Kb / 6P
Schottky Rectifier, 8 A
03-Nov-08
8TQ100GPBF VISHAY-8TQ100GPBF Datasheet
112Kb / 6P
Schottky Rectifier, 8 A
17-Apr-08
8TQ100GS VISHAY-8TQ100GS Datasheet
108Kb / 6P
Schottky Rectifier, 8 A
18-Jun-08
8TQ100GSPBF VISHAY-8TQ100GSPBF Datasheet
111Kb / 6P
Schottky Rectifier, 8 A
17-Apr-08
8TQ100S VISHAY-8TQ100S Datasheet
107Kb / 6P
Schottky Rectifier, 8 A
19-Aug-08
8TQ080GSPBF VISHAY-8TQ080GSPBF_10 Datasheet
112Kb / 6P
Schottky Rectifier, 8 A
23-Mar-10
8TQ060PBF VISHAY-8TQ060PBF_12 Datasheet
177Kb / 7P
Schottky Rectifier, 8 A
29-Aug-11
8TQ080GPBF VISHAY-8TQ080GPBF Datasheet
167Kb / 7P
Schottky Rectifier, 8 A
11-Oct-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com