Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT93LC86 Datasheet (PDF) - Holtek Semiconductor Inc

HT93LC86 Datasheet PDF - Holtek Semiconductor Inc
Part # HT93LC86
Download  HT93LC86 Download
File Size   127.36 Kbytes
Page   12 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description CMOS 16K 3-Wire Serial EEPROM

HT93LC86 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT93LC86 Datasheet PDF - Holtek Semiconductor Inc

Part # HT93LC86
Download  HT93LC86 Click to download

File Size   127.36 Kbytes
Page   12 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description CMOS 16K 3-Wire Serial EEPROM

HT93LC86 Datasheet (HTML) - Holtek Semiconductor Inc


HT93LC86 Product details

General Description

The HT93LC86 is a 16K-bit low voltage nonvolatile, serial electrically erasable programmable read only memory device using a CMOS floating gate process. Its 16384 bits of memory are organised into 1024 words of 16 bits each when the ORG pin is connected to VCC or organised into 2048 words of 8 bits each when it is tied to VSS. The device is especially suitable for use in many industrial and commercial applications where low power and low voltage operation are essential. The device can easily interface to microcontrollers using the versatile serial interface compose of (CS), serial clock (SK), data input (DI) and data output (DO).



Features

• Operating voltage: 2.2V~5.5V

• Low power consumption

   - Operating: 5mA max.

   - Standby: 10μA max.

• User selectable internal organization

   - 16K: 2048 X 8 or 1024 X 16

• 3-wire Serial Interface

• Write cycle time: 5ms max.

• Automatic erase-before-write operation

• Word/chip erase and write operation

• Write operation with built-in timer

• Software controlled write protection

• 40-year data retention

• 106 rewrite cycles per word

• Commercial temperature range (0°C to +70°C)

• 8-pin DIP/SOP/TSSOP package



 




Similar Part No. - HT93LC86

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT93LC86 HOLTEK-HT93LC86_09 Datasheet
103Kb / 12P
CMOS 16K 3-Wire Serial EEPROM
July 10, 2009
More results


Similar Description - HT93LC86

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK93C85A AKM-AK93C85A Datasheet
156Kb / 13P
16K / 32K / 64KBIT SERIAL CMOS EEPROM
logo
Holtek Semiconductor In...
HT24LC16 HOLTEK-HT24LC16 Datasheet
171Kb / 11P
CMOS 16K 2-Wire Serial EEPROM
November 25, 2003
logo
Asahi Kasei Microsystem...
AK93C85A AKM-AK93C85A_04 Datasheet
118Kb / 13P
16K / 32K / 64Kbit Serial CMOS EEPROM
logo
Sanyo Semicon Device
LE24L162 SANYO-LE24L162 Datasheet
194Kb / 11P
CMOS IC Two Wire Serial Interface EEPROM (16k EEPROM)
logo
Holtek Semiconductor In...
HT93LC86 HOLTEK-HT93LC86_09 Datasheet
103Kb / 12P
CMOS 16K 3-Wire Serial EEPROM
July 10, 2009
logo
Sanyo Semicon Device
LE24C162M SANYO-LE24C162M Datasheet
126Kb / 11P
Two Wire Serial Interface EEPROM (16k EEPROM)
LE24LA162CB SANYO-LE24LA162CB Datasheet
121Kb / 10P
Two Wire Serial Interface EEPROM (16k EEPROM)
LE24162LBXA SANYO-LE24162LBXA Datasheet
811Kb / 11P
Two Wire Serial Interface EEPROM (16k EEPROM)
LE2416RLBXA SANYO-LE2416RLBXA Datasheet
872Kb / 11P
Two Wire Serial Interface EEPROM (16k EEPROM)
logo
Holtek Semiconductor In...
HT24LC16 HOLTEK-HT24LC16_14 Datasheet
2Mb / 12P
CMOS 16K 2-Wire Serial EEPROM
January 16, 2014
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com