Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT93LC86 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT93LC86
Description  CMOS 16K 3-Wire Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT93LC86 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT93LC86 Datasheet HTML 1Page - Holtek Semiconductor Inc HT93LC86 Datasheet HTML 2Page - Holtek Semiconductor Inc HT93LC86 Datasheet HTML 3Page - Holtek Semiconductor Inc HT93LC86 Datasheet HTML 4Page - Holtek Semiconductor Inc HT93LC86 Datasheet HTML 5Page - Holtek Semiconductor Inc HT93LC86 Datasheet HTML 6Page - Holtek Semiconductor Inc HT93LC86 Datasheet HTML 7Page - Holtek Semiconductor Inc HT93LC86 Datasheet HTML 8Page - Holtek Semiconductor Inc HT93LC86 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Pin Description
Pin Name
I/O
Description
CS
I
Chip select input
SK
I
Serial clock input
DI
I
Serial data input
DO
O
Serial data output
VSS
¾ Negative power supply, ground
ORG
I
Internal Organization
When ORG is connected to VDD or left floating, the (
´16) memory organization is selected.
When ORG is connected to VSS, the (
´8) memory organization is selected. The ORG pin is
connected to an internal pull-high resistor.
NC
¾ No connection
VCC
¾ Positive power supply
Absolute Maximum Ratings
Operation Temperature (Commercial)..........................................................................................................0
°Cto70°C
Applied VCC Voltage with Respect to VSS..................................................................................................
-0.3V to 6.0V
Applied Voltage on any Pin with Respect to VSS..................................................................................................VSS
-0.3V to VCC+0.3V
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
D.C. Characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCC
Conditions
VCC
Operating Voltage
¾¾
2.2
¾
5.5
V
ICC1
Operating Current (TTL)
5V
DO no load, SK=1MHz
¾¾
5mA
ICC2
Operating Current (CMOS)
5V
DO no load, SK=1MHz
¾¾
5mA
2.2V~5.5V DO no load, SK=250kHz
¾¾
5mA
ISTB
Standby Current (CMOS)
5V
CS=SK=DI=0V
¾¾
10
mA
ILI
Input Leakage Current
5V
VIN=VSS~VCC
0
¾
1
mA
ILO
Output Leakage Current
5V
VOUT=VSS~VCC, CS=0V
0
¾
1
mA
VIL
Input Low Voltage
5V
¾
0
¾
0.8
V
2.2V~5.5V
¾
0
¾
0.1VCC
V
VIH
Input High Voltage
5V
¾
2
¾
VCC
V
2.2V~5.5V
¾
0.9VCC
¾
VCC
V
VOL
Output Low Voltage
5V
IOL=2.1mA
¾¾
0.4
V
2.2V~5.5V IOL=10
mA
¾¾
0.2
V
VOH
Output High Voltage
5V
IOH=
-400mA
2.4
¾¾
V
2.2V~5.5V IOH=
-10mAVCC-0.2
¾¾
V
CIN
Input Capacitance
¾
VIN=0V, f=250kHz
¾¾
5pF
COUT
Output Capacitance
¾
VOUT=0V, f=250kHz
¾¾
5pF
HT93LC86
Rev. 1.00
2
March 16, 2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com