Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1650 Datasheet (PDF) - Holtek Semiconductor Inc

HT1650 Datasheet PDF - Holtek Semiconductor Inc
Part # HT1650
Download  HT1650 Download
File Size   165.08 Kbytes
Page   18 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 64x32 LCD Controller for I/O MCU

HT1650 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT1650 Datasheet PDF - Holtek Semiconductor Inc

Part # HT1650
Download  HT1650 Click to download

File Size   165.08 Kbytes
Page   18 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 64x32 LCD Controller for I/O MCU

HT1650 Datasheet (HTML) - Holtek Semiconductor Inc


HT1650 Product details

General Description
HT1650 is a peripheral device specially designed for I/O type MCUs which are used to expand the display capability. The max. display segment of the device are 2048 patterns (64 segments and 32 commons). It also supports four data bits interface, buzzer sound, Watchdog Timer or time base timer functions. The HT1650 is a memory mapping and multi-function LCD controller. It can control TN-type (Twisted Nematic) or STN-type (Super Twisted Nematic) LCDs. The software configuration feature of the HT1650 make it suitable for multiple LCD applications including LCD modules and display subsystems. Only six lines (CS, WR, DB0~DB3) are required for the interface between the host controller and the HT1650.

Features
• Operating voltage: 2.7V~5.2V
• Built-in 32kHz RC oscillator
• External 32.768kHz crystal oscillator or 32kHz frequency source input
• Standby current: <1μ at 3V, <2μA at 5V
• Internal resistor type: 1/6 bias or 1/5 bias, 1/32 duty, and 1/16 duty
• Three selectable LCD frame frequencies: 64Hz, 89Hz or 170Hz
• Max. of 64x32 patterns, 64 segments and 32 commons
• 80 segments and 16 commons selectable by command method
• Built-in bit-map display RAM: 2048 bits (=64x32 bits)
• Built-in internal resistor type bias generator
• Six-wire interface (four data wires)
• Eight kinds of time base or WDT selection
• Time base or WDT overflow output
• R/W address auto increment
• Built-in buzzer driver (2kHz/4kHz)
• Power down command reduces power consumption
• Software configuration feature
• Data mode and Command mode instructions
• Three data accessing modes
• Provides VLCD pin to adjust LCD operating voltage and max. VLCD voltage up to 7V
• Provides three kinds of bias current programming
• Control of TN-type and STN-type LCDs
• 128-pin QFP package

Applications
• Leisure products
• Games
• Personal digital assistant
• Cellular phone
• Global positioning system
• Consumer electronics




Similar Part No. - HT1650

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1650 HOLTEK-HT1650 Datasheet
178Kb / 19P
6432 LCD Controller for I/O MCU
HT1650 HOLTEK-HT1650_10 Datasheet
178Kb / 19P
6432 LCD Controller for I/O MCU
More results


Similar Description - HT1650

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1621B HOLTEK-HT1621B Datasheet
179Kb / 20P
RAM Mapping 32x4 LCD Controller for I/O MCU
August 6, 2003
HT1670 HOLTEK-HT1670 Datasheet
174Kb / 19P
128x32 LCD Controller for I/O MCU
September 17, 2004
HT1620 HOLTEK-HT1620_07 Datasheet
156Kb / 14P
RAM Mapping 32x4 LCD Controller for I/O MCU
March 27, 2007
HT1622 HOLTEK-HT1622_07 Datasheet
155Kb / 13P
RAM Mapping 32x8 LCD Controller for I/O MCU
February 6, 2007
HT1660 HOLTEK-HT1660_06 Datasheet
192Kb / 19P
96x32 LCD Controller for I/O MCU
April 13, 2006
HT1647A HOLTEK-HT1647A Datasheet
159Kb / 19P
6416 LCD Controller for I/O MCU
June 22, 2009
HT1650 HOLTEK-HT1650_10 Datasheet
178Kb / 19P
6432 LCD Controller for I/O MCU
HT1660 HOLTEK-HT1660_10 Datasheet
179Kb / 20P
96x32 LCD Controller for I/O MCU
November 9, 2010
HT1670 HOLTEK-HT1670_10 Datasheet
187Kb / 20P
128x32 LCD Controller for I/O MCU
HT1647A HOLTEK-HT1647A_11 Datasheet
167Kb / 19P
64x16 LCD Controller for I/O MCU
April 29, 2011
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com