Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1647A Datasheet (PDF) - Holtek Semiconductor Inc

HT1647A Datasheet PDF - Holtek Semiconductor Inc
Part # HT1647A
Download  HT1647A Download
File Size   159.0 Kbytes
Page   19 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 6416 LCD Controller for I/O MCU

HT1647A Datasheet (PDF)

Go To PDF Page Download Datasheet
HT1647A Datasheet PDF - Holtek Semiconductor Inc

Part # HT1647A
Download  HT1647A Click to download

File Size   159.0 Kbytes
Page   19 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description 6416 LCD Controller for I/O MCU

HT1647A Datasheet (HTML) - Holtek Semiconductor Inc


HT1647A Product details

General Description
HT1647A is a peripheral device specially designed for I/O type MCU used to expand the display capability. The max. display segment of the device are 1024 patterns (64 segments and 16 commons). It also supports four data bits interface, buzzer sound, Watchdog Timer or time base timer functions.
   
Features
• Operating voltage: 2.7V~5.2V
• Built-in 32kHz RC oscillator
• External 32.768kHz crystal oscillator or 32kHz
    frequency source input
• Standby current: <1μA at 3V, <2μA at 5V
• Internal resistor type: 1/5 bias or 1/4 bias, 1/16 duty
• Two selectable LCD frame frequencies: 89Hz or
    170Hz
• Max. 64x16 patterns, 64 segments and 16 commons
• Built-in bit-map display RAM: 1024 bits
    (=64x16 bits)
• Built-in internal resistor type bias generator
• Six-wire interface (four data wires)
• Eight kinds of time base/WDT selection
• Time base or WDT overflow output
• R/W address auto increment
• Built-in buzzer driver (2kHz/4kHz)
• Power down command reduces power consumption
• Software configuration feature
• Data mode and Command mode instructions
• Three data accessing modes
• Provides VLCD pin to adjust LCD operating voltage
• Provides three kinds of bias current programming
• Control of TN-type, STN-type LCDs and
    ECB-type LCDs
• 100-pin LQFP package and in chip form
   
Applications
• Leisure products
• Games
• Personal digital assistant
• Cellular phone
• Global positioning system
• Consumer electronics
   




Similar Part No. - HT1647A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1647A HOLTEK-HT1647A Datasheet
167Kb / 19P
64x16 LCD Controller for I/O MCU
April 29, 2011
HT1647A HOLTEK-HT1647A_11 Datasheet
167Kb / 19P
64x16 LCD Controller for I/O MCU
April 29, 2011
More results


Similar Description - HT1647A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1670 HOLTEK-HT1670 Datasheet
174Kb / 19P
128x32 LCD Controller for I/O MCU
September 17, 2004
HT1650 HOLTEK-HT1650 Datasheet
165Kb / 18P
64x32 LCD Controller for I/O MCU
November 10, 2005
HT1660 HOLTEK-HT1660_06 Datasheet
192Kb / 19P
96x32 LCD Controller for I/O MCU
April 13, 2006
HT1625 HOLTEK-HT1625_09 Datasheet
117Kb / 15P
RAM Mapping 648 LCD Controller for I/O MCU
June 12, 2009
HT1626 HOLTEK-HT1626_10 Datasheet
154Kb / 15P
RAM Mapping 4816 LCD Controller for I/O MCU
HT1647 HOLTEK-HT1647_10 Datasheet
175Kb / 17P
4-Level Gray Scale 6416 LCD Controller for I/O MCU
HT1650 HOLTEK-HT1650_10 Datasheet
178Kb / 19P
6432 LCD Controller for I/O MCU
HT1660 HOLTEK-HT1660_10 Datasheet
179Kb / 20P
96x32 LCD Controller for I/O MCU
November 9, 2010
HT1670 HOLTEK-HT1670_10 Datasheet
187Kb / 20P
128x32 LCD Controller for I/O MCU
HT1647A HOLTEK-HT1647A_11 Datasheet
167Kb / 19P
64x16 LCD Controller for I/O MCU
April 29, 2011
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com