Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC36DM Datasheet (PDF) - Tripp Lite. All Rights Reserved

CSC36DM Datasheet PDF - Tripp Lite. All Rights Reserved
Part # CSC36DM
Download  CSC36DM Download
File Size   43.08 Kbytes
Page   2 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description Display Mount Adapter Kit for 36-Device AC Charging Station Cart

CSC36DM Datasheet (PDF)

Go To PDF Page Download Datasheet
CSC36DM Datasheet PDF - Tripp Lite. All Rights Reserved

Part # CSC36DM
Download  CSC36DM Click to download

File Size   43.08 Kbytes
Page   2 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description Display Mount Adapter Kit for 36-Device AC Charging Station Cart

CSC36DM Datasheet (HTML) - Tripp Lite. All Rights Reserved


CSC36DM Product details

Features
Mounts Your TV or Monitor to Your CSC36AC Charging Station Cart
Fits most flat-panel televisions or monitors up to 60 in.
Ideal for schools, offices, warehouses, healthcare facilities and other environments in which tablets,
laptops or Chromebooks are used every day
All installation and mounting hardware included
Convenient Angle Adjustment
-10° to 10° tilt capability provides comfortable viewing from multiple angles
Improves viewing angles in applications where audience is below the display
Easy-grip knobs allow simple adjustment of tilt angle
Durable Metal Construction
Supports up to 100 lbs (45.4 kgs)

Description
The CSC36DM Display Mount Adapter Kit includes all installation and mounting hardware needed to
attach a flat-panel television or monitor to your Tripp Lite CSC36AC 36-Device AC Charging Station Cart.
Recommended for schools, offices, warehouses, healthcare facilities and other environments in which
tablets, laptops or Chromebooks are used on a daily basis, the CSC36DM fits most flat- or recessed-back
displays up to 60 inches.
A -10° to 0° tilt capability minimizes glare and provides comfortable viewing from multiple angles.
Adjusting the tilt angle is simple using the easy-grip twin knobs located on the adapter brackets. The
durable all-metal unit with scratch-resistant powder-coated finish supports up to 100 lbs (45.4 kgs).
The CSC36DM is designed to fit through standard doorways when assembled. It conforms to VESAcompliant
displays with any of the following mounting hole patterns: 200 x 200 mm, 300 x 300 mm, 400 x
200 mm, 400 x 400 mm, 600 x 400 mm and 800 x 400 mm.




Similar Part No. - CSC36DM

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSC3619 CDIL-CSC3619 Datasheet
250Kb / 2P
NPN SILICON PLASTIC POWER TRANSISTOR
logo
Tripp Lite. All Rights ...
CSC36AC TRIPPLITE-CSC36AC Datasheet
179Kb / 4P
Multi-Device Charging Cart, 36 AC Outlets, Chromebooks and Laptops, Black
More results


Similar Description - CSC36DM

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
CS32USB TRIPPLITE-CS32USB Datasheet
579Kb / 3P
32-Device USB Charging Station Cabinet with Sync for iPad and Android Tablets, Wall-Mount and Cart Options, Black
CS48USB TRIPPLITE-CS48USB Datasheet
585Kb / 3P
48-Device USB Charging Station Cabinet with Sync for iPad and Android Tablets, Wall-Mount and Cart Options, Black
CSC32USB TRIPPLITE-CSC32USB Datasheet
531Kb / 3P
32-Device USB Charging Station Cart with Sync for iPad and Android Tablets, Wall-Mount Option, Black
CSCXB36AC TRIPPLITE-CSCXB36AC Datasheet
167Kb / 3P
36-Device AC Charging Station Cart for Chromebooks and Laptops, BS 1363, 230V - 3 m Cord
CSCXS36AC TRIPPLITE-CSCXS36AC Datasheet
167Kb / 3P
36-Device AC Charging Station Cart for Chromebooks and Laptops, Schuko, 230V - 3 m Cord
CSC16AC TRIPPLITE-CSC16AC Datasheet
169Kb / 4P
Multi-Device Charging Station, 16 AC Outlets, Chromebooks and Laptops, Wall-Mount and Cart Options, Black
CSC36AC TRIPPLITE-CSC36AC Datasheet
179Kb / 4P
Multi-Device Charging Cart, 36 AC Outlets, Chromebooks and Laptops, Black
CS16AC TRIPPLITE-CS16AC Datasheet
187Kb / 4P
Multi-Device Charging Station, 16 AC Outlets, iPad and Android Tablets, Wall-Mount and Cart Options, Black
CSC32AC TRIPPLITE-CSC32AC Datasheet
208Kb / 4P
Multi-Device Charging Cart, 32 AC Outlets, Chromebooks and Laptops, Wall-Mount Option, Black
CSHANDLEKIT2 TRIPPLITE-CSHANDLEKIT2 Datasheet
176Kb / 2P
Mobile Cart Conversion Kit with Handle, Casters and Power Cord Manager for 16-Device AC and USB Charging Stations
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com