Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC36DM Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # CSC36DM
Description  Display Mount Adapter Kit for 36-Device AC Charging Station Cart
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

CSC36DM Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  CSC36DM Datasheet HTML 1Page - Tripp Lite. All Rights Reserved CSC36DM Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1000 Eaton Boulevard
Cleveland, OH 44122
United States
Includes conversion kit assembly only. CSC36AC charging station cart and monitor sold separately.
Display Mount Adapter Kit for 36-Device AC
Charging Station Cart
MODEL NUMBER: CSC36DM
Allows a flat-panel television or monitor to be mounted to your Tripp Lite CSC36AC charging station cart
(sold separately), converting it to a mobile display cart. Recommended for environments that use mobile
devices daily.
Description
The CSC36DM Display Mount Adapter Kit includes all installation and mounting hardware needed to
attach a flat-panel television or monitor to your Tripp Lite CSC36AC 36-Device AC Charging Station Cart.
Recommended for schools, offices, warehouses, healthcare facilities and other environments in which
tablets, laptops or Chromebooks are used on a daily basis, the CSC36DM fits most flat- or recessed-back
displays up to 60 inches.
A -10° to 0° tilt capability minimizes glare and provides comfortable viewing from multiple angles.
Adjusting the tilt angle is simple using the easy-grip twin knobs located on the adapter brackets. The
durable all-metal unit with scratch-resistant powder-coated finish supports up to 100 lbs (45.4 kgs).
The CSC36DM is designed to fit through standard doorways when assembled. It conforms to VESA-
compliant displays with any of the following mounting hole patterns: 200 x 200 mm, 300 x 300 mm, 400 x
200 mm, 400 x 400 mm, 600 x 400 mm and 800 x 400 mm.
Features
Mounts Your TV or Monitor to Your CSC36AC Charging Station Cart
Fits most flat-panel televisions or monitors up to 60 in.
q
Ideal for schools, offices, warehouses, healthcare facilities and other environments in which tablets,
laptops or Chromebooks are used every day
q
All installation and mounting hardware included
q
Convenient Angle Adjustment
-10° to 10° tilt capability provides comfortable viewing from multiple angles
q
Improves viewing angles in applications where audience is below the display
q
Easy-grip knobs allow simple adjustment of tilt angle
q
Durable Metal Construction
Supports up to 100 lbs (45.4 kgs)
q
Highlights
Fits most flat- or recessed-back
displays up to 60 in.
q
-10° to 10° tilt capability for
comfortable viewing
q
Includes all necessary
installation and mounting
hardware
q
Easily rolls through standard
doorways when assembled
q
Supports up to 100 lbs (45.4
kgs)
q
Package Includes
Display plate
q
(2) Adapter brackets
q
(2) Outrigger tubes
q
(2) Upright supports
q
(24) M8 x 16 screws
q
(8) M6 x 15 screws
q
(4) M5 x 14 screws
q
(4) M6 x 14 screws
q
(4) M8 x 20 screws
q
(4) M6 x 30 screws
q
(4) M8 x 30 screws
q
(4) Washers
q
(8) Small spacers
q
(4) Big spacers
q
Installation guide
q
1 / 2


Similar Part No. - CSC36DM

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSC3619 CDIL-CSC3619 Datasheet
250Kb / 2P
NPN SILICON PLASTIC POWER TRANSISTOR
logo
Tripp Lite. All Rights ...
CSC36AC TRIPPLITE-CSC36AC Datasheet
179Kb / 4P
Multi-Device Charging Cart, 36 AC Outlets, Chromebooks and Laptops, Black
More results

Similar Description - CSC36DM

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
CS32USB TRIPPLITE-CS32USB Datasheet
579Kb / 3P
32-Device USB Charging Station Cabinet with Sync for iPad and Android Tablets, Wall-Mount and Cart Options, Black
CS48USB TRIPPLITE-CS48USB Datasheet
585Kb / 3P
48-Device USB Charging Station Cabinet with Sync for iPad and Android Tablets, Wall-Mount and Cart Options, Black
CSC32USB TRIPPLITE-CSC32USB Datasheet
531Kb / 3P
32-Device USB Charging Station Cart with Sync for iPad and Android Tablets, Wall-Mount Option, Black
CSCXB36AC TRIPPLITE-CSCXB36AC Datasheet
167Kb / 3P
36-Device AC Charging Station Cart for Chromebooks and Laptops, BS 1363, 230V - 3 m Cord
CSCXS36AC TRIPPLITE-CSCXS36AC Datasheet
167Kb / 3P
36-Device AC Charging Station Cart for Chromebooks and Laptops, Schuko, 230V - 3 m Cord
CSC16AC TRIPPLITE-CSC16AC Datasheet
169Kb / 4P
Multi-Device Charging Station, 16 AC Outlets, Chromebooks and Laptops, Wall-Mount and Cart Options, Black
CSC36AC TRIPPLITE-CSC36AC Datasheet
179Kb / 4P
Multi-Device Charging Cart, 36 AC Outlets, Chromebooks and Laptops, Black
CS16AC TRIPPLITE-CS16AC Datasheet
187Kb / 4P
Multi-Device Charging Station, 16 AC Outlets, iPad and Android Tablets, Wall-Mount and Cart Options, Black
CSC32AC TRIPPLITE-CSC32AC Datasheet
208Kb / 4P
Multi-Device Charging Cart, 32 AC Outlets, Chromebooks and Laptops, Wall-Mount Option, Black
CSHANDLEKIT2 TRIPPLITE-CSHANDLEKIT2 Datasheet
176Kb / 2P
Mobile Cart Conversion Kit with Handle, Casters and Power Cord Manager for 16-Device AC and USB Charging Stations
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com