Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N042E-MB1 Datasheet (PDF) - Tripp Lite. All Rights Reserved

N042E-MB1 Datasheet PDF - Tripp Lite. All Rights Reserved
Part # N042E-MB1
Download  N042E-MB1 Download
File Size   40.46 Kbytes
Page   2 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description Single-Gang Surface Mounting Box, European Style, 81 x 81 x 45 mm, White

N042E-MB1 Datasheet (PDF)

Go To PDF Page Download Datasheet
N042E-MB1 Datasheet PDF - Tripp Lite. All Rights Reserved

Part # N042E-MB1
Download  N042E-MB1 Click to download

File Size   40.46 Kbytes
Page   2 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description Single-Gang Surface Mounting Box, European Style, 81 x 81 x 45 mm, White

N042E-MB1 Datasheet (HTML) - Tripp Lite. All Rights Reserved


N042E-MB1 Product details

Features
European-Style Back Box Connects Audio/Video, Voice and Data Cable Lines in Your Network
This single-gang surface-mount box combines with a Tripp Lite or other compatible wall plate (sold
separately) to complete a premise wiring application, such as home theater (audio/video), VoIP phone
(voice) or Ethernet (data) network.

High-Impact Construction Designed to Blend In Seamlessly with Your Room
This durable white mounting box blends elegantly into any home or office décor for a sleek, professional
installation. Mounting screws are included. The ABS plastic construction meets UL 94V-0 flame-retardant
standards for protection against fire and high heat.

Compatible with European Applications
The N042E-MB1 is designed to work with standard single-gang wall plates measuring 81 x 81 millimeters
in European applications. Compatible with Tripp Lite model N042E-WF1.




Similar Part No. - N042E-MB1

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N042E-WF1 TRIPPLITE-N042E-WF1 Datasheet
38Kb / 2P
Single-Gang European-Style Gang Frame for Insert Modules, White
N042E-WHM-C1 TRIPPLITE-N042E-WHM-C1 Datasheet
36Kb / 2P
1-Port European-Style Insert, Coax Coupler (F/F), 22.5 x 45 mm, White
N042E-WHM0 TRIPPLITE-N042E-WHM0 Datasheet
34Kb / 2P
Blank Snap-In Insert, European Style, Vertical, 22.5 x 45 mm, White
N042E-WHM1-S TRIPPLITE-N042E-WHM1-S Datasheet
36Kb / 2P
1-Port European-Style Insert, Unloaded Shuttered Module, 22.5 x 45 mm, White
N042E-WHMR TRIPPLITE-N042E-WHMR Datasheet
34Kb / 2P
Color Ring for European-Style Insert, 22.5 x 45 mm, Black
More results


Similar Description - N042E-MB1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE2002 STMICROELECTRONICS-STE2002 Datasheet
494Kb / 51P
81 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
Sep-2002
STE2002 STMICROELECTRONICS-STE2002_06 Datasheet
508Kb / 61P
81 x 128 single-chip LCD controller/driver
12-Dec-2006
logo
Tripp Lite. All Rights ...
N042E-WF1 TRIPPLITE-N042E-WF1 Datasheet
38Kb / 2P
Single-Gang European-Style Gang Frame for Insert Modules, White
N042E-WHM-C1 TRIPPLITE-N042E-WHM-C1 Datasheet
36Kb / 2P
1-Port European-Style Insert, Coax Coupler (F/F), 22.5 x 45 mm, White
N042E-WHM0 TRIPPLITE-N042E-WHM0 Datasheet
34Kb / 2P
Blank Snap-In Insert, European Style, Vertical, 22.5 x 45 mm, White
N042E-WHM1-S TRIPPLITE-N042E-WHM1-S Datasheet
36Kb / 2P
1-Port European-Style Insert, Unloaded Shuttered Module, 22.5 x 45 mm, White
N042E-WM1-S TRIPPLITE-N042E-WM1-S Datasheet
36Kb / 2P
1-Port European-Style Insert, Unloaded Shuttered Module, 45 x 45 mm, White
N042E-WMR TRIPPLITE-N042E-WMR Datasheet
33Kb / 2P
Color Ring for European-Style Insert, 45 x 45 mm, Black
N042U-MB1 TRIPPLITE-N042U-MB1 Datasheet
50Kb / 2P
Single-Gang Surface Mounting Box, UK Style, 86 x 86 x 47 mm, White
N042U-MB2 TRIPPLITE-N042U-MB2 Datasheet
46Kb / 2P
Double-Gang Surface Mounting Box, UK Style, 86 x 147 x 47 mm, White
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com