Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N042U-MB2 Datasheet (PDF) - Tripp Lite. All Rights Reserved

N042U-MB2 Datasheet PDF - Tripp Lite. All Rights Reserved
Part # N042U-MB2
Download  N042U-MB2 Download
File Size   46.19 Kbytes
Page   2 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description Double-Gang Surface Mounting Box, UK Style, 86 x 147 x 47 mm, White

N042U-MB2 Datasheet (PDF)

Go To PDF Page Download Datasheet
N042U-MB2 Datasheet PDF - Tripp Lite. All Rights Reserved

Part # N042U-MB2
Download  N042U-MB2 Click to download

File Size   46.19 Kbytes
Page   2 Pages
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved
Description Double-Gang Surface Mounting Box, UK Style, 86 x 147 x 47 mm, White

N042U-MB2 Datasheet (HTML) - Tripp Lite. All Rights Reserved


N042U-MB2 Product details

Features
UK-Style Back Box Connects Audio/Video, Voice and Data Cable Lines in Your Network
This double-gang box combines with a Tripp Lite or other compatible wall plate (sold separately) to
complete a premise wiring application, such as home theater (audio/video), VoIP phone (voice) or
Ethernet (data) network.

High-Impact Construction Designed to Blend In Seamlessly with Your Room
This durable white mounting box blends elegantly into any home or office décor for a sleek, professional
installation. Mounting screws are included. The ABS plastic construction meets UL 94V-0 flame-retardant
standards for protection against fire and high heat.

Compatible with U.K. Applications
The N042U-MB2 is designed to work with standard double-gang wall plates measuring 86 x 147
millimeters. Compatible Tripp Lite models include N042U-WF2-2, N042U-WM1-S, N042U-WHM-S,
N042U-WHM-SA and N042U-WF2-6C.




Similar Part No. - N042U-MB2

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N042U-MB1 TRIPPLITE-N042U-MB1 Datasheet
50Kb / 2P
Single-Gang Surface Mounting Box, UK Style, 86 x 86 x 47 mm, White
More results


Similar Description - N042U-MB2

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N042D-200-WH TRIPPLITE-N042D-200-WH Datasheet
156Kb / 2P
Double-Gang Faceplate, Decora Style - Vertical, White
N042U-WF1-1 TRIPPLITE-N042U-WF1-1 Datasheet
37Kb / 2P
Single-Gang UK-Style Gang Frame for Insert Modules, Hidden Screws, White
N042U-WF1-2 TRIPPLITE-N042U-WF1-2 Datasheet
36Kb / 2P
Single-Gang UK-Style Gang Frame for Insert Modules, White
N042E-MB1 TRIPPLITE-N042E-MB1 Datasheet
40Kb / 2P
Single-Gang Surface Mounting Box, European Style, 81 x 81 x 45 mm, White
N042U-MB1 TRIPPLITE-N042U-MB1 Datasheet
50Kb / 2P
Single-Gang Surface Mounting Box, UK Style, 86 x 86 x 47 mm, White
N042U-WF2-2 TRIPPLITE-N042U-WF2-2 Datasheet
36Kb / 2P
Double-Gang UK-Style Gang Frame for Insert Modules, White
N042U-WHB TRIPPLITE-N042U-WHB Datasheet
29Kb / 2P
Blank Snap-In Insert, UK Style, 25 x 50 mm, White
N042U-WHM-S TRIPPLITE-N042U-WHM-S Datasheet
32Kb / 2P
1-Port UK-Style Insert, Unloaded Shuttered Module, 25 x 50 mm, White
N042U-WM1-S TRIPPLITE-N042U-WM1-S Datasheet
37Kb / 2P
1-Port UK-Style Unloaded Shuttered Module, 50 x 50 mm, White
N042U-WQB TRIPPLITE-N042U-WQB Datasheet
29Kb / 2P
Blank Snap-In Insert, UK Style, 12.5 x 50 mm, White
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com