Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDT74FCT574AL Datasheet (PDF) - Integrated Device Technology

IDT74FCT574AL Datasheet PDF - Integrated Device Technology
Part # IDT74FCT574AL
Download  IDT74FCT574AL Download
File Size   144.81 Kbytes
Page   7 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description FAST CMOS OCTAL D REGISTERS (3-STATE)

IDT74FCT574AL Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT74FCT574AL Datasheet PDF - Integrated Device Technology

Part # IDT74FCT574AL
Download  IDT74FCT574AL Click to download

File Size   144.81 Kbytes
Page   7 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description FAST CMOS OCTAL D REGISTERS (3-STATE)

IDT74FCT574AL Datasheet (HTML) - Integrated Device Technology


IDT74FCT574AL Product details

DESCRIPTION:
The IDT54/74FCT374/A/C, IDT54/74FCT534/A/C and IDT54/74FCT574/A/C are 8-bit registers built using an advanced dual metal CMOS technology. These registers consist of eight D-type flip-flops with a buffered common clock and buffered 3-state output control. When the output enable (OE) is LOW, the eight outputs are enabled. When the OE input is HIGH, the outputs are in the high-impedance state.
Input data meeting the set-up and hold time requirements
of the D inputs is transferred to the O outputs on the LOW-to-HIGH transition of the clock input.
The IDT54/74FCT374/A/C and IDT54/74FCT574/A/ C have non-inverting outputs with respect to the data at the D inputs. The IDT54/74FCT534/A/C have inverting outputs.

FEATURES:
• IDT54/74FCT374/534/574 equivalent to FAST™ speed and drive
• IDT54/74FCT374A/534A/574A up to 30% faster than FAST
• IDT54/74FCT374C/534C/574C up to 50% faster than FAST
• IOL = 48mA (commercial) and 32mA (military)
• CMOS power levels (1mW typ. static)
• Edge triggered master/slave, D-type flip-flops
• Buffered common clock and buffered common three state control
• Product available in Radiation Tolerant and Radiation Enhanced versions
• Military product compliant to MIL-STD-883, Class B
• Meets or exceeds JEDEC Standard 18 specifications




Similar Part No. - IDT74FCT574AL

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT573 IDT-IDT74FCT573 Datasheet
160Kb / 8P
FAST CMOS OCTAL TRANSPARENT LATCHES
IDT74FCT573A IDT-IDT74FCT573A Datasheet
160Kb / 8P
FAST CMOS OCTAL TRANSPARENT LATCHES
IDT74FCT573AD IDT-IDT74FCT573AD Datasheet
160Kb / 8P
FAST CMOS OCTAL TRANSPARENT LATCHES
IDT74FCT573ADB IDT-IDT74FCT573ADB Datasheet
160Kb / 8P
FAST CMOS OCTAL TRANSPARENT LATCHES
IDT74FCT573AE IDT-IDT74FCT573AE Datasheet
160Kb / 8P
FAST CMOS OCTAL TRANSPARENT LATCHES
More results


Similar Description - IDT74FCT574AL

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT3574 IDT-IDT74FCT3574 Datasheet
108Kb / 7P
3.3V CMOS OCTAL D REGISTERS (3-STATE)
IDT74FCT646T IDT-IDT74FCT646T Datasheet
189Kb / 9P
FAST CMOS OCTAL TRANSCEIVER/ REGISTERS (3-STATE)
logo
Pericom Semiconductor C...
PI74FCT374T PERICOM-PI74FCT374T Datasheet
163Kb / 9P
Fast CMOS Octal D Registers (3-State)
logo
Integrated Device Techn...
IDT74FCT2374AT IDT-IDT74FCT2374AT Datasheet
74Kb / 7P
FAST CMOS OCTAL D REGISTER (3-STATE)
IDT5474FCT374A IDT-IDT5474FCT374A Datasheet
91Kb / 7P
FAST CMOS OCTAL D REGISTERS (3-STATE)
IDT54FCT374DB IDT-IDT54FCT374DB Datasheet
88Kb / 7P
FAST CMOS OCTAL D REGISTERS (3-STATE)
7130LA55P IDT-7130LA55P Datasheet
88Kb / 7P
FAST CMOS OCTAL D REGISTERS (3-STATE)
IDT54 IDT-IDT54 Datasheet
57Kb / 7P
FAST CMOS OCTAL D REGISTERS (3-STATE)
74FCT574T IDT-74FCT574T Datasheet
57Kb / 7P
FAST CMOS OCTAL D REGISTERS (3-STATE)
logo
Renesas Technology Corp
IDT74FCT2374AT RENESAS-IDT74FCT2374AT Datasheet
244Kb / 8P
FAST CMOS OCTAL D REGISTER (3-STATE)
SEPTEMBER 2009
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com