Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F082 Datasheet (PDF) - SINOWEALTH Electronic Ltd

SH79F082 Datasheet PDF - SINOWEALTH Electronic Ltd
Part # SH79F082
Download  SH79F082 Download
File Size   2401.53 Kbytes
Page   92 Pages
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd
Description Enhanced 8051 Microcontroller with 10bit ADC and PWM

SH79F082 Datasheet (PDF)

Go To PDF Page Download Datasheet
SH79F082 Datasheet PDF - SINOWEALTH Electronic Ltd

Part # SH79F082
Download  SH79F082 Click to download

File Size   2401.53 Kbytes
Page   92 Pages
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd
Description Enhanced 8051 Microcontroller with 10bit ADC and PWM

SH79F082 Datasheet (HTML) - SINOWEALTH Electronic Ltd


SH79F082 Product details

1. Features
8bits micro-controller with Pipe-line structured 8051
compatible instruction set
Flash ROM: 8K Bytes
RAM: internal 256 Bytes, external 256 Bytes
Operation Voltage:
fOSC = 400k - 16.6MHz, VDD = 3.3V - 5.5V
Oscillator (code option):
- Crystal oscillator: 400k - 16.6MHz
- Ceramic oscillator: 400k - 16.6MHz
- Internal RC: 16.6MHz
22 CMOS bi-directional I/O pins
Built-in pull-up resistor for input pin
Two 16-bit timer/counters T0, T1
Powerful interrupt sources:
- Timer0, Timer1
- INT0, INT1
- INT40, INT41
- ADC, FLT
- EUART
- PWM
Two 12-bits PWM channels with 4 outputs, incorporate
dead time control and fault detection
EUART
6channels 10-bits Analog Digital Converter
(ADC), with comparator function built-in
Built-in Operation Amplifier (OP) and Comparator
(CMP)
Buzzer
Low Voltage Reset (LVR) function (enabled by
code option)
- LVR voltage level 1: 4.3V
- LVR voltage level 2: 3.4V
CPU Machine Cycle:
- 1 oscillator clock
Watch Dog Timer (WDT)
Warm-up Timer
Support Low power operation modes:
- Idle Mode
- Power-Down Mode
Flash Type
8bits read only Random code
Package: TSSOP24

2. General Description
The SH79F082 is a high performance 8051 compatible micro-controller, regard to its build-in Pipe-line instruction fetch
structure, that helps the SH79F082 can perform more fast operation speed and higher calculation performance, if compare
SH79F082 with standard 8051 at same clock speed.
The SH79F082 retains most features of the standard 8051. These features include internal 256 bytes RAM and two 16-bit
timer/counters. In addition, the SH79F082 provides external 256 bytes RAM, It also contains 8K bytes Flash memory block
both for program and data. Also the ADC and PWM timer functions are incorporated in SH79F082.
For high reliability and low cost issues, the SH79F082 builds in Watchdog Timer, Low Voltage Reset function. And
SH79F082 also supports two power saving modes to reduce power consumption.




Similar Part No. - SH79F082

ManufacturerPart #DatasheetDescription
logo
SINOWEALTH Electronic L...
SH79F0819 SINOWEALTH-SH79F0819 Datasheet
1Mb / 101P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
SH79F0819M/028MU SINOWEALTH-SH79F0819M/028MU Datasheet
1Mb / 101P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
SH79F0819X/028XU SINOWEALTH-SH79F0819X/028XU Datasheet
1Mb / 101P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
SH79F081B SINOWEALTH-SH79F081B Datasheet
1Mb / 103P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
SH79F081BM/028MU SINOWEALTH-SH79F081BM/028MU Datasheet
1Mb / 103P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
More results


Similar Description - SH79F082

ManufacturerPart #DatasheetDescription
logo
SINOWEALTH Electronic L...
SH77P1651A SINOWEALTH-SH77P1651A Datasheet
1Mb / 93P
Enhanced 8051 Microcontroller with 10bit ADC
V1.0
SH79F0819 SINOWEALTH-SH79F0819 Datasheet
1Mb / 101P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
SH79F081B SINOWEALTH-SH79F081B Datasheet
1Mb / 103P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
SH79F083B SINOWEALTH-SH79F083B Datasheet
1Mb / 86P
Enhanced 8051 Microcontroller with 10bit ADC
V1.0
SH79F1612B SINOWEALTH-SH79F1612B Datasheet
1Mb / 97P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
SH79F1619 SINOWEALTH-SH79F1619 Datasheet
1Mb / 99P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
SH79F1621 SINOWEALTH-SH79F1621 Datasheet
1Mb / 113P
Enhanced 8051 Microcontroller with 10bit ADC
V2.1
SH79F166A SINOWEALTH-SH79F166A Datasheet
1Mb / 113P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
SH79M083B SINOWEALTH-SH79M083B Datasheet
1Mb / 86P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
SH79M1612B SINOWEALTH-SH79M1612B Datasheet
1Mb / 96P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com