Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F082 Datasheet(PDF) 4 Page - SINOWEALTH Electronic Ltd

Part # SH79F082
Description  Enhanced 8051 Microcontroller with 10bit ADC and PWM
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOWEALTH [SINOWEALTH Electronic Ltd]
Direct Link  https://en.sinowealth.com
Logo SINOWEALTH - SINOWEALTH Electronic Ltd

SH79F082 Datasheet(HTML) 4 Page - SINOWEALTH Electronic Ltd

  SH79F082 Datasheet HTML 1Page - SINOWEALTH Electronic Ltd SH79F082 Datasheet HTML 2Page - SINOWEALTH Electronic Ltd SH79F082 Datasheet HTML 3Page - SINOWEALTH Electronic Ltd SH79F082 Datasheet HTML 4Page - SINOWEALTH Electronic Ltd SH79F082 Datasheet HTML 5Page - SINOWEALTH Electronic Ltd SH79F082 Datasheet HTML 6Page - SINOWEALTH Electronic Ltd SH79F082 Datasheet HTML 7Page - SINOWEALTH Electronic Ltd SH79F082 Datasheet HTML 8Page - SINOWEALTH Electronic Ltd SH79F082 Datasheet HTML 9Page - SINOWEALTH Electronic Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 92 page
background image
SH79F
SH79F
SH79F
SH79F082
082
082
082
4
Table
Table
Table
Table 4
4
4
4....1
1
1
1 Pin
Pin
Pin
Pin F
F
F
Function
unction
unction
unction
Pin
Pin
Pin
Pin No.
No.
No.
No.
Pin
Pin
Pin
Pin Name
Name
Name
Name
Default
Default
Default
Default function
function
function
function
1
OPN/P1.0
P1.0
2
OPP/P1.1
P1.1
3
TDO/INT0/P1.2
P1.2
4
TMS/INT1/P1.3
P1.3
5
TDI/BUZ/P1.4
P1.4
6
TCK/RST
————
/P1.5
P1.5 or reset pin, controled by code option
7
VDD
VDD
8
GND
GND
9
XTAL1/P3.5
P3.5 or XTAL1, controled by code option
10
XTAL2/P3.4
P3.4 or XTAL2, controled by code option
11
TXD/INT41/P3.2
P3.2
12
RXD/INT40/P3.1
P3.1
13
P2.1/PWM1
P2.1
14
P2.2/PWM2
P2.2
15
P2.4/PWM11
P2.4
16
P2.5/PWM21
P2.5
17
P2.6/T0/FLT
P2.6
18
P0.6/AN4
P0.6
19
P0.5/AN3/VREF
P0.5
20
P0.4/AN2
P0.4
21
P0.3/AN1
P0.3
22
P0.2/AN0
P0.2
23
P0.1/CMP
P0.1
24
P0.0/OPOUT
P0.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com