Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS570 Datasheet (PDF) - Integrated Circuit Systems

ICS570 Datasheet PDF - Integrated Circuit Systems
Part # ICS570
Download  ICS570 Download
File Size   199.5 Kbytes
Page   9 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Multiplier and Zero Delay Buffer

ICS570 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS570 Datasheet PDF - Integrated Circuit Systems

Part # ICS570
Download  ICS570 Click to download

File Size   199.5 Kbytes
Page   9 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Multiplier and Zero Delay Buffer

ICS570 Datasheet (HTML) - Integrated Circuit Systems


ICS570 Product details

Description
The ICS570 is a high-performance Zero Delay Buffer (ZDB) which integrates ICS’ proprietary analog/digital Phase Locked Loop (PLL) techniques. The A version is recommended for 5 V designs and the B version for 3.3 V designs.

Features
• 8-pin SOIC package
• Available in Pb (lead) free package (A and B versions
   only)
• Pin-for-pin replacement and upgrade to ICS570M
• Functional equivalent to AV9170 (not a pin-for-pin
   replacement)
• Low input to output skew of 300 ps max (>60 MHz
   outputs)
• Ability to choose between 14 different multipliers
   from 0.5x to 32x
• Output clock frequency up to 168 MHz at 3.3 V
• Can recover degraded input clock duty cycle
• Output clock duty cycle of 45/55
• Power Down and Tri-State Mode
• Passes spread spectrum clock modulation
• Full CMOS clock swings with 25 mA drive capability
   at TTL levels
• Advanced, low power CMOS process
• ICS570B has an operating voltage of 3.3 V (±5%)
• ICS570A has an operating voltage of 5.0 V (±5%)
• Industrial temperature version available




Similar Part No. - ICS570

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS570 IDT-ICS570 Datasheet
256Kb / 11P
8-pin SOIC package
ICS570-01 IDT-ICS570-01 Datasheet
164Kb / 7P
MULTIPLIER AND ZERO DELAY BUFFER
logo
Integrated Circuit Syst...
ICS570A ICST-ICS570A Datasheet
85Kb / 6P
Multiplier and Zero Delay Buffer
Revision 102700
ICS570AI ICST-ICS570AI Datasheet
85Kb / 6P
Multiplier and Zero Delay Buffer
Revision 102700
ICS570AIT ICST-ICS570AIT Datasheet
85Kb / 6P
Multiplier and Zero Delay Buffer
Revision 102700
More results


Similar Description - ICS570

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W194 CYPRESS-W194 Datasheet
102Kb / 6P
Frequency Multiplier and Zero Delay Buffer
January 5, 2000, rev. A
logo
Integrated Circuit Syst...
ICS570A ICST-ICS570A Datasheet
85Kb / 6P
Multiplier and Zero Delay Buffer
Revision 102700
ICS570B ICST-ICS570B Datasheet
96Kb / 6P
Multiplier and Zero Delay Buffer
Revision 053001
logo
Cypress Semiconductor
CY2302 CYPRESS-CY2302 Datasheet
103Kb / 7P
Frequency Multiplier and Zero Delay Buffer
logo
List of Unclassifed Man...
MK2302S-01 ETC-MK2302S-01 Datasheet
161Kb / 6P
Multiplier and Zero Delay Buffer
logo
Integrated Circuit Syst...
ICS2402 ICST-ICS2402 Datasheet
136Kb / 7P
Multiplier and Zero Delay Buffer
Revision 122104
logo
Integrated Device Techn...
ICS570-01 IDT-ICS570-01 Datasheet
164Kb / 7P
MULTIPLIER AND ZERO DELAY BUFFER
logo
Cypress Semiconductor
CY2302 CYPRESS-CY2302_05 Datasheet
84Kb / 7P
Frequency Multiplier and Zero Delay Buffer
logo
Renesas Technology Corp
MK2302-01 RENESAS-MK2302-01 Datasheet
331Kb / 8P
MULTIPLIER AND ZERO DELAY BUFFER
051310
ICS671-01 RENESAS-ICS671-01 Datasheet
338Kb / 7P
ZERO DELAY LOW SKEW BUFFER AND MULTIPLIER
051310
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com