Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS570 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS570
Description  Multiplier and Zero Delay Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS570 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS570 Datasheet HTML 1Page - Integrated Circuit Systems ICS570 Datasheet HTML 2Page - Integrated Circuit Systems ICS570 Datasheet HTML 3Page - Integrated Circuit Systems ICS570 Datasheet HTML 4Page - Integrated Circuit Systems ICS570 Datasheet HTML 5Page - Integrated Circuit Systems ICS570 Datasheet HTML 6Page - Integrated Circuit Systems ICS570 Datasheet HTML 7Page - Integrated Circuit Systems ICS570 Datasheet HTML 8Page - Integrated Circuit Systems ICS570 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Multiplier and Zero Delay Buffer
MDS 570 I
2
Revision 030905
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICS570
Pin Assignment
Clock Multiplier Decoding Table
(Multiplies Input clock by amount shown)
0 = connect directly to ground
M = leave unconnected (self-biases to VDD/2)
1 = connect directly to VDD
*Input range with CLK feedback is double that for CLK/2
Pin Descriptions
S1
VDD
GND
CLK
ICLK
S0
FBIN
CLK/2
1
2
3
4
8
7
6
5
S1
VDD
GND
CLK
ICLK
S0
FBIN
CLK/2
1
2
3
4
8
7
6
5
8 pin (150 mil) SOIC
S1
S0
FBIN from CLK
FBIN from CLK/2
ICS570B (3.3 V)
ICS570A (5.0 V)
CLK
CLK2
CLK
CLK2
ICLK Input Range FB from CLK/2*
ICLK Input Range FB from CLK/2*
#1
#6
pin #7
pin #8
pin #7
pin #8
0
0
Power Down and Tri-State
-
-
0
M
x3
x1.5
x6
x3
3.75 to 28
2.5 to 25
0
1
x4
x2
x8
x4
2.75 to 19
2.5 to 19
M
0
x8
x4
x16
x8
2.5 to 9.5
2.5 to 9.5
M
M
x6
x3
x12
x6
2.5 to 12.5
2.5 to 12.5
M
1
x10
x5
x20
x10
2.5 to 7.5
2.5 to 7.5
1
0
x1
/2
x2
x1
11 to 75
5 to 75
1
M
x16
x8
x32
x16
2.5 to 5
2.5 to 5
1
1
x2
x1
x4
x2
5.5 to 37.5
2.5 to 37.5
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
S1
Input
Select 1 for output clock. Connect to GND, VDD, or float per decoding table above.
2
VDD
Power
Connect to +3.3 V (ICS570B). Connect to +5.0 V (ICS570A).
3
GND
Power
Connect to ground.
4
ICLK
Input
Reference clock input.
5
FBIN
Input
Feedback clock input.
6
S0
Input
Select 0 for output clock. Connect to GND, VDD, or float per decoding table above.
7
CLK
Output
Clock output per table above.
8
CLK/2
Output
Clock output per table above. Low skew divide by two of pin 7 clock.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com