Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALED1262ZT Datasheet (PDF) - STMicroelectronics

ALED1262ZT Datasheet PDF - STMicroelectronics
Part # ALED1262ZT
Download  ALED1262ZT Download
File Size   3371.94 Kbytes
Page   69 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive-grade 12-channel LED driver with open detection, local dimming, bus driven and standalone operations

ALED1262ZT Datasheet (PDF)

Go To PDF Page Download Datasheet
ALED1262ZT Datasheet PDF - STMicroelectronics

Part # ALED1262ZT
Download  ALED1262ZT Click to download

File Size   3371.94 Kbytes
Page   69 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive-grade 12-channel LED driver with open detection, local dimming, bus driven and standalone operations

ALED1262ZT Datasheet (HTML) - STMicroelectronics


ALED1262ZT Product details

Features
• Designed for automotive applications
• 12 constant current output channels
• 19 V current generator rated voltage
• Output current: from 6 mA to 60 mA
• Current programmable by a single external resistor
• 7-bit PWM local brightness control
• Slow turn-on/off time, gradual output delay and dithered clock for EMI reduction
• Error detection for open LEDs
• Supply voltage: from 5.5 V to 38 V
• Thermal shutdown and overtemperature alert
• Standalone and bus-driven mode
• Custom configuration by OTP with Redundancy and ECC
• 400 kHz fast I²C interface with selectable extended Hamming encoding
• Wired-OR error flag connection

Description
The ALED1262ZT is a monolithic 12 output LED driver designed for automotive
exterior and interior lighting applications. The ALED1262ZT guarantees 19 V output
driving capability allowing users to connect several LEDs in series. In the output
stage, twelve regulated current sources provide from 6 mA to 60 mA constant current
to drive LEDs. The current is programmed by a single external resistor. In the
ALED1262ZT, LED open error detection is available.

The brightness can be adjusted separately for each channel through a 7-bit
grayscale control. A slow turn-on and turn-off time improves the system low noise
generation performance. Moreover the gradual output delay reduces the inrush
current. To further increase EMI performance, this device implements an internal
clock dithering to have a spread spectrum noise reduction.

Thermal management is equipped with overtemperature data alert and the output
thermal shutdown (170 °C). The I²C high clock frequency, up to 400 kHz, makes the
device suitable for high data rate transmissions. The supply voltage range is between
5.5 V and 38 V avoiding any external pre-regulation or additional load dump
protection on the power supply stage.

This device can operate in bus-driven mode (BDM) using I²C interface or in
standalone mode (SAM) using internal custom configuration by OTP.

Applications
• Automotive rear lights
• Automotive interior lighting




Similar Part No. - ALED1262ZT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ALED1642GW STMICROELECTRONICS-ALED1642GW Datasheet
2Mb / 39P
16 channel LED driver with error detection, current gain control and 12/16-bit PWM brightness control for automotive applications
16-Nov-2015
ALED1642GWXTTR STMICROELECTRONICS-ALED1642GWXTTR Datasheet
2Mb / 39P
16 channel LED driver with error detection, current gain control and 12/16-bit PWM brightness control for automotive applications
16-Nov-2015
More results


Similar Description - ALED1262ZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5928 TI-TLC5928 Datasheet
1Mb / 27P
16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI-TLC5928_1 Datasheet
918Kb / 28P
16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI1-TLC5928_16 Datasheet
1Mb / 32P
16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI1-TLC5928_17 Datasheet
1Mb / 32P
16-Channel, Constant-Current LED Driver with LED Open Detection
logo
Global Mixed-mode Techn...
G5998 GMT-G5998 Datasheet
82Kb / 1P
8-CH Local Dimming LED Driver IC
logo
Texas Instruments
TLC69601 TI-TLC69601 Datasheet
1Mb / 11P
TLC696x1 16-Channel, Local Dimming Backlight LED Driver
APRIL 2023
TLC69601 TI-TLC69601_V01 Datasheet
1Mb / 11P
TLC696x1 16-Channel, Local Dimming Backlight LED Driver
APRIL 2023
TLC69601-Q1 TI-TLC69601-Q1 Datasheet
1,014Kb / 8P
TLC696x1-Q1 16-Channel, Automotive Local Dimming Backlight LED Driver
JUNE 2023
TLC69601-Q1 TI1-TLC69601-Q1_V01 Datasheet
1Mb / 9P
TLC696x1-Q1 16-Channel, Automotive Local Dimming Backlight LED Driver
JUNE 2023
TLC69601-Q1 TI-TLC69601-Q1_V02 Datasheet
1Mb / 11P
TLC696x1-Q1 16-Channel, Automotive Local Dimming Backlight LED Driver
JUNE 2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com