Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALED1642GW Datasheet (PDF) - STMicroelectronics

ALED1642GW Datasheet PDF - STMicroelectronics
Part # ALED1642GW
Download  ALED1642GW Download
File Size   2213.51 Kbytes
Page   39 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16 channel LED driver with error detection, current gain control and 12/16-bit PWM brightness control for automotive applications

ALED1642GW Datasheet (PDF)

Go To PDF Page Download Datasheet
ALED1642GW Datasheet PDF - STMicroelectronics

Part # ALED1642GW
Download  ALED1642GW Click to download

File Size   2213.51 Kbytes
Page   39 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 16 channel LED driver with error detection, current gain control and 12/16-bit PWM brightness control for automotive applications

ALED1642GW Datasheet (HTML) - STMicroelectronics


ALED1642GW Product details

Description
The ALED1642GW is a monolithic, low voltage,
low current power 16-bit shift register designed for
LED panel displays. The ALED1642GW
guarantees 20 V output driving capability allowing
the user to connect several LEDs in series. In the
output stage, sixteen regulated current sources
provide from 3 mA to 40 mA constant current to
drive the LEDs. The current is programmed
through an external resistor and can be adjusted
by a 7-bit current gain register in two subranges.
The brightness can be adjusted separately for
each channel through 12/16-bit grayscale control.
Programmable turn-on and turn-off time (four
different values available) improves the low noise
generation performance of the system.
Open/short error detection mode is available in
the ALED1642GW. The auto power-shutdown
and auto power-on features (selectable) allow the
device to save power without external
intervention.
Thermal management includes an
overtemperature data alert and output thermal
shutdown (170 °C). The high clock frequency is
up to 30 MHz and it makes the device suitable for
high data rate transmission. A selectable gradual
output delay reduces the inrush current, whereas
the selectable SDO synchronization feature works
when the device is used in daisy-chain
configuration. The supply voltage range is
between 3 V and 5.5 V.

Features
• AECQ100 qualification
• 16 constant current output channels
• Output current: from 3 mA to 40 mA
• Current programmable through external
resistor
• 7-bit global current gain adjustment in two
ranges
• 12/16-bit PWM grayscale brightness control
• Programmable output turn-on/off time
• Error detection mode (both open and shortedLED)
• Programmable shorted-LED detection
thresholds
• Auto power saving/auto-wakeup
• Selectable SDO synchronization on the CLK
falling edge
• Gradual output delay (selectable)
• Supply voltage: 3 V to 5.5 V
• Thermal shutdown and overtemperature alert
• Up to 30 MHz 4-wires interface
• 20 V current generator rated voltage

Applications
• Full color/monochrome displays
• Dashboard (backlighting led indicators)
• Automotive Interior lighting




Similar Part No. - ALED1642GW

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ALED1262ZT STMICROELECTRONICS-ALED1262ZT Datasheet
3Mb / 69P
Automotive-grade 12-channel LED driver with open detection, local dimming, bus driven and standalone operations
25-Feb-2019
More results


Similar Description - ALED1642GW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5027 ETC-MBI5027 Datasheet
450Kb / 24P
16 BIT CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
MBI5028 ETC-MBI5028 Datasheet
466Kb / 24P
16 BIT CONSTANT CURRENT LED SINK DRIVER WITH GAIN CONTROL
MBI5029 ETC1-MBI5029 Datasheet
702Kb / 31P
16-Bit Constant Current LED Sink Driver with Error Detection and Current Adjust
logo
Texas Instruments
TLC5943 TI-TLC5943 Datasheet
757Kb / 34P
16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
logo
STMicroelectronics
STP1612PW05 STMICROELECTRONICS-STP1612PW05 Datasheet
787Kb / 35P
16-channel LED driver with 16-bit PWM, 8-bit gain and full LED error detection
18-Dec-2009
LED1642GW STMICROELECTRONICS-LED1642GW Datasheet
2Mb / 42P
16 channel LED driver with error detection current gain control
November 2015 Rev 6
LED2472G STMICROELECTRONICS-LED2472G Datasheet
1Mb / 39P
24-channels LED driver with error detection and gain control
April 2014 Rev 3
logo
Texas Instruments
TLC5943 TI1-TLC5943_16 Datasheet
1Mb / 40P
16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC59482 TI1-TLC59482 Datasheet
1Mb / 34P
16-Channel, 16-Bit, PWM LED Driver with 6-Bit Global Brightness Control
TLC5943 TI1-TLC5943_17 Datasheet
1Mb / 40P
16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com