Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED2472G Datasheet (PDF) - STMicroelectronics

LED2472G Datasheet PDF - STMicroelectronics
Part # LED2472G
Download  LED2472G Download
File Size   1566.51 Kbytes
Page   39 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 24-channels LED driver with error detection and gain control

LED2472G Datasheet (PDF)

Go To PDF Page Download Datasheet
LED2472G Datasheet PDF - STMicroelectronics

Part # LED2472G
Download  LED2472G Click to download

File Size   1566.51 Kbytes
Page   39 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 24-channels LED driver with error detection and gain control

LED2472G Datasheet (HTML) - STMicroelectronics


LED2472G Product details

Description
The LED2472G is a monolithic, low voltage, low current power 24-bit shift register designed for LED panel displays with particular features oriented to indoor and outdoor LED screen billboards. The LED2472G guarantees 20 V of output driving capability, allowing several LEDs to be connected in series. The device is configured in 3 groups (red, green and blue) of 8 independently-controlled channels. The LED current can be separately regulated for each color within the range from 4 mA to 72 mA. This range is divided into two sub-ranges and the current can be adjusted within each range in 64 steps of resolution (6 bits per color). A single external resistor is required. All the controls and the shift register data are accessible via serial interface. A single 24-bit configuration register is used to choose features and settings to fit the application. The LED failure detection circuit checks 3 different conditions that can occur at the output line: short to GND, short to LED power supply rail or open channel. The auto power shutdown and auto power-on feature (selectable) allows the device to save power without any external intervention. Thermal management includes overtemperature flag and the output thermal shutdown (170 °C). The high clock frequency of up to 30 MHz makes the device suitable for high data rate transmission. A selectable gradual output delay reduces the inrush current. The supply voltage ranges from 3 V and 5.5 V. 0/34(3[ 74)3(3

Features
■ 24 constant current output channels
■ Output current: from 4 mA to 72 mA
■ 8 x 3 independently controlled channels (RGB)
■ Current programmable through external resistor
■ 7-bit global current gain adjustment in two ranges
■ Error detection mode (both open and shorted LED)
■ Programmable shorted LED detection thresholds
■ Auto power-saving / auto wakeup
■ Gradual output delay (selectable)
■ Supply voltage: 3 V to 5.5 V

Applications
■ Full color large displays
■ LED signage
■ LED screens for indoor and outdoor billboards




Similar Part No. - LED2472G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED24-C4 ETC2-LED24-C4 Datasheet
370Kb / 2P
LED Protoboards
LED24V15 ETC2-LED24V15 Datasheet
1Mb / 6P
PANELITE Enclosure Lights Overview
logo
Pentair Equipment Prote...
LED24V15 HOFFMANPRODUCTS-LED24V15 Datasheet
909Kb / 6P
PANELIT E Enclosure Lights Overview
logo
List of Unclassifed Man...
LED24VCORD ETC2-LED24VCORD Datasheet
1Mb / 6P
PANELITE Enclosure Lights Overview
logo
Pentair Equipment Prote...
LED24VCORD HOFFMANPRODUCTS-LED24VCORD Datasheet
909Kb / 6P
PANELIT E Enclosure Lights Overview
More results


Similar Description - LED2472G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP24DP05 STMICROELECTRONICS-STP24DP05 Datasheet
470Kb / 26P
24-bit constant current LED sink driver with output error detection
19-Apr-2008
logo
Texas Instruments
TLC5952 TI-TLC5952 Datasheet
943Kb / 33P
24-Channel, Constant-Current LED Driver with Global Brightness Control and LED Open-Short Detection
logo
Silicon Touch Technolog...
DD312 SITI-DD312 Datasheet
543Kb / 20P
HIGH CONSTANT CURRENT LED DRIVER with ERROR DETECTION
DM11C SITI-DM11C Datasheet
668Kb / 34P
8-bit Constant Current LED Driver with Error Detection
logo
ams AG
AS1116 AMSCO-AS1116 Datasheet
1,018Kb / 20P
64 LED Driver with Detailed Error Detection
logo
STMicroelectronics
STP1612PW05 STMICROELECTRONICS-STP1612PW05 Datasheet
787Kb / 35P
16-channel LED driver with 16-bit PWM, 8-bit gain and full LED error detection
18-Dec-2009
logo
ams AG
AS1117 AMSCO-AS1117 Datasheet
1Mb / 24P
64 LED Driver for Mobile Applications with Error Detection
logo
STMicroelectronics
LED1642GW STMICROELECTRONICS-LED1642GW Datasheet
2Mb / 42P
16 channel LED driver with error detection current gain control
November 2015 Rev 6
ALED1642GW STMICROELECTRONICS-ALED1642GW Datasheet
2Mb / 39P
16 channel LED driver with error detection, current gain control and 12/16-bit PWM brightness control for automotive applications
16-Nov-2015
logo
List of Unclassifed Man...
MBI5038 ETC1-MBI5038 Datasheet
1Mb / 34P
16-Channel Constant Current LED Driver with Error Detection/ Power Saving Mode/ Current Gain
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com