Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED2472G Datasheet(PDF) 9 Page - STMicroelectronics

Part # LED2472G
Description  24-channels LED driver with error detection and gain control
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED2472G Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LED2472G Datasheet HTML 5Page - STMicroelectronics LED2472G Datasheet HTML 6Page - STMicroelectronics LED2472G Datasheet HTML 7Page - STMicroelectronics LED2472G Datasheet HTML 8Page - STMicroelectronics LED2472G Datasheet HTML 9Page - STMicroelectronics LED2472G Datasheet HTML 10Page - STMicroelectronics LED2472G Datasheet HTML 11Page - STMicroelectronics LED2472G Datasheet HTML 12Page - STMicroelectronics LED2472G Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
DocID024620 Rev 3
9/39
LED2472G
Absolute maximum ratings
2
Absolute maximum ratings
Stressing the device above the ratings listed in the Table 3 may cause permanent damage
to the device. These are stress ratings only and operation of the device at these or any other
conditions above those indicated in the operating sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
3
Thermal characteristics
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDD
Supply voltage
-0.4 to 7
V
VI
Digital inputs voltage
-0.4 to Vdd+0.4
V
OUT
Driver outputs voltage (R<1:8>, G<1:8>, B<1:8>)
20
V
Io
Output current
80
mA
IGND
GND terminal current
1.9
A
ESD
Electrostatic discharge protection HBM human body model
±2
KV
Electrostatic discharge protection MM machine model
±200
V
Table 4. Thermal characteristics
Symbol
Parameter
Value
Unit
Ta
Operative free-air temperature range(1)
-40 to +85
°C
TJ-OPR
Operative thermal junction temperature range
-40 to +125
Tstg
Storage temperature range
-55 to +150
Rthja
Junction-ambient thermal resistance; QFN40-EP(2)
25.3
°C/W
Junction-ambient thermal resistance; TSSOP48-EP(1)
33
°C/W
1.
This data must be considered in adequate power dissipation conditions. The junction temperature must be maintained
below 150 °C.
2.
In accordance with JEDEC standard 51-7B. The exposed pad should be soldered directly to the PCB to obtain the thermal
benefits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com