Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED2472G Datasheet(PDF) 11 Page - STMicroelectronics

Part # LED2472G
Description  24-channels LED driver with error detection and gain control
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED2472G Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LED2472G Datasheet HTML 7Page - STMicroelectronics LED2472G Datasheet HTML 8Page - STMicroelectronics LED2472G Datasheet HTML 9Page - STMicroelectronics LED2472G Datasheet HTML 10Page - STMicroelectronics LED2472G Datasheet HTML 11Page - STMicroelectronics LED2472G Datasheet HTML 12Page - STMicroelectronics LED2472G Datasheet HTML 13Page - STMicroelectronics LED2472G Datasheet HTML 14Page - STMicroelectronics LED2472G Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
DocID024620 Rev 3
11/39
LED2472G
Electrical characteristics
%/
ΔVOUT
Output current vs. output
voltage regulation(3)
Vo from 1.2 V to 3 V; (Io = 61
mA)
CFG-0 = CFG-1 = CFG-2 = “1”
-±0.2
-
%/V
%/
ΔVDD
Output current vs. supply
voltage regulation(4)
Vdd from 3 V to 5.5 V
Vo = 1.2 V; (Io = 61 mA)
CFG-0 = CFG-1 = CFG-2 = “1”
-±1
-
Rup
Pull-up resistor for OE pin
400
500
650
k
Ω
Rdw
Pull-down resistor for LE pin
Rext
External current setup
resistance
100
IDD1
Supply current (OFF)
No data transfers,
all outputs OFF,
CFG-0 = CFG-1 = CFG-2 = “0”
GRG = “0”; CFG-6 = “0”
8
mA
IDD2
No data transfers,
all outputs OFF,
CFG-0 = CFG-1 = CFG-2 = “1”
CFG-6 = “0”
16
IDD1
Supply current (ON)
No data transfers,
all outputs ON,
CFG-0 = CFG-1 = CFG-2 = “0”
GRG = “0”
-8
mA
IDD2
No data transfers,
all outputs ON,
CFG-0 = CFG-1 = CFG-2 = “1”
-15
IDD
(AutoOFF)
Supply current (autoOFF)
All output OFF
CFG-6 = “1”
-
200
500
µA
SDE1
LED short detection voltage
CFG-3 = CFG-4 = CFG-5 = “0”
2.0
V
SDE2
CFG-3 = CFG-4 = CFG-5 = “1”
3.0
ODC
LED open detection current
0.5 IOL
Table 5. Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com