Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED2472G Datasheet(PDF) 13 Page - STMicroelectronics

Part # LED2472G
Description  24-channels LED driver with error detection and gain control
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED2472G Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LED2472G Datasheet HTML 9Page - STMicroelectronics LED2472G Datasheet HTML 10Page - STMicroelectronics LED2472G Datasheet HTML 11Page - STMicroelectronics LED2472G Datasheet HTML 12Page - STMicroelectronics LED2472G Datasheet HTML 13Page - STMicroelectronics LED2472G Datasheet HTML 14Page - STMicroelectronics LED2472G Datasheet HTML 15Page - STMicroelectronics LED2472G Datasheet HTML 16Page - STMicroelectronics LED2472G Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
DocID024620 Rev 3
13/39
LED2472G
Switching characteristics
5
Switching characteristics
Vdd = 3.3 V, Tj = 25 °C, GRG = “1” (gain reg), Rext = 13 kΩ, unless otherwise specified.
Table 6. Switching characteristics(1)(2)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
fclk
Clock frequency
Cascade operation
-
-
30
MHz
tr(SDO)
SDO rise time
Rext = 13 kΩ; Iout = 21 mA
Vout = 0.6 V
VIH = VDD; VIL = GND
RL = 56
Ω; CL = 10 pF
CFG-0 = CFG-1 = CFG-2 = “0”
-5-
ns
tf(SDO)
SDO fall time
-
5
-
tPLH2
LE-OUTn(3)
Propagation delay
time (“L” to “H”)
-70-
tPLH3
OE-OUTn(3)
-
100
-
tPLH
CLK-SDO
CFG-7 = ‘0’
815
25
tPHL2
LE-OUTn(3)
Propagation delay
time (“H” to “L”)
-70-
tPHL3
OE-OUTn(3)
-100
-
tPHL
CLK-SDO
CFG-7= ‘0’
815
25
tw(CLK)
CLK
Pulse width
20
-
-
tW(OE)OE
150(4)
--
tw(L)
LE
20
-
-
tgr-d
Gradual delay Ch to Ch
10
tsu(L)
Setup time for LE
5
-
-
th(L)
Hold time for LE
5
-
-
tsu(D)
Setup time for SDI
5
-
-
th(D)
Hold time for SDI
10
-
-
tor(5)
Maximum CLK rise time
-
-
5
µs
tof(5)
Maximum CLK fall time
-
-
5
Iout-ov
Output current turn-on overshoot
Vout = 0.3 to 3 V
CL = 10 pF; Iout = 5 to 61 mA
--
10
%
tn-err
Normal error detection
minimum output ON time
--
1
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com