Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED2472G Datasheet(PDF) 23 Page - STMicroelectronics

Part # LED2472G
Description  24-channels LED driver with error detection and gain control
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED2472G Datasheet(HTML) 23 Page - STMicroelectronics

Back Button LED2472G Datasheet HTML 19Page - STMicroelectronics LED2472G Datasheet HTML 20Page - STMicroelectronics LED2472G Datasheet HTML 21Page - STMicroelectronics LED2472G Datasheet HTML 22Page - STMicroelectronics LED2472G Datasheet HTML 23Page - STMicroelectronics LED2472G Datasheet HTML 24Page - STMicroelectronics LED2472G Datasheet HTML 25Page - STMicroelectronics LED2472G Datasheet HTML 26Page - STMicroelectronics LED2472G Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
DocID024620 Rev 3
23/39
LED2472G
Digital blocks
Figure 12 shows an example of the effect of the output gradual delay on the RED color
group outputs.
Figure 12. Gradual delay on first four channels of RED color group
8.8
Data flow management (CFG 9-CFG 11)
The 8x3 shift registers have a default RGB sequence serial data flow according to the table
shown into the configuration register (bit CFG-9, CFG-10 and CFG-11). Figure 13 shows
how serial data are loaded in accordance with the data flow sequence selected through the
configuration register. The default sequence is RGB (first bit will be R8, last bit B1 then: R8-
R1, G8-G1, B8-B1).
Table 10. Gradual output delay values
Delay time (ns) from the falling edge of xOE
R1
G1
B1
R2
G2
B2
R3
G3
B3
R4
G4
B4
R5
G5
B5
R6
G6
B6
R7
G7
B7
R8
G8
B8
CFG-8 = “0”
0
10
20
30
40
50
60
70
CFG-8 = “1”
0
000
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com