Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED2472G Datasheet(PDF) 24 Page - STMicroelectronics

Part # LED2472G
Description  24-channels LED driver with error detection and gain control
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED2472G Datasheet(HTML) 24 Page - STMicroelectronics

Back Button LED2472G Datasheet HTML 20Page - STMicroelectronics LED2472G Datasheet HTML 21Page - STMicroelectronics LED2472G Datasheet HTML 22Page - STMicroelectronics LED2472G Datasheet HTML 23Page - STMicroelectronics LED2472G Datasheet HTML 24Page - STMicroelectronics LED2472G Datasheet HTML 25Page - STMicroelectronics LED2472G Datasheet HTML 26Page - STMicroelectronics LED2472G Datasheet HTML 27Page - STMicroelectronics LED2472G Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
Digital blocks
LED2472G
24/39
DocID024620 Rev 3
Figure 13. Different color sequence in data loading
8.9
Gain register
The LED current can be programmed using an external resistor connected to GND from R-
EXT pin and can be adjusted using the dedicated bits of the gain register (G-0 to G-17
defines the gain and CFG-0/1/2 the current range within the gain can be adjusted). The
device can regulate the current up to 72 mA and down to 4 mA. To change anything in the
gain register, a 24-bit digital word must be sent (CFG-0 represents the LSB, CFG-23 the
MSB). The accuracy of the LED current depends on the selected range and it is assured
only in the ranges indicated in the static electrical characteristics (see Table 5).
Table 11. Gain register
BIT
Definition
Attribute
read/write
Register function description
Default
G-0
RED current gain
adjustment
R/W
6-bit DAC allows adjustment of the device
output current in 64 steps for each range
(defined by CFG-0).
default: gain = 1
1
G-1
1
G-2
1
G-3
1
G-4
1
G-5
1
G-6
GREEN current
gain adjustment
R/W
6-bit DAC allows adjustment of the device
output current in 64 steps for each range
(defined by CFG-1).
default: gain = 1
1
G-7
1
G-8
1
G-9
1
G-10
1
G-11
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com