Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED2472G Datasheet(PDF) 19 Page - STMicroelectronics

Part # LED2472G
Description  24-channels LED driver with error detection and gain control
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED2472G Datasheet(HTML) 19 Page - STMicroelectronics

Back Button LED2472G Datasheet HTML 15Page - STMicroelectronics LED2472G Datasheet HTML 16Page - STMicroelectronics LED2472G Datasheet HTML 17Page - STMicroelectronics LED2472G Datasheet HTML 18Page - STMicroelectronics LED2472G Datasheet HTML 19Page - STMicroelectronics LED2472G Datasheet HTML 20Page - STMicroelectronics LED2472G Datasheet HTML 21Page - STMicroelectronics LED2472G Datasheet HTML 22Page - STMicroelectronics LED2472G Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
DocID024620 Rev 3
19/39
LED2472G
Digital blocks
Figure 9. Digital key timing diagram
8.2
Configuration register
The configuration register is used to enable or disable some device features, to program
some parameters and to change other settings. Access to this register (read or write) is
Table 7. Digital keys summary
#CLK rising edges with the LE asserted
Description
1-2
Data latch
3-4
Write configuration register
5-6
Read configuration register
7-8
Write gain
9-10
Read gain
11
Open detection
12
Short detection
13
Open/short detection
14
Thermal alert reading
15
Reserved
16
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com